công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XM33C321ASPZR bảng dữ liệu(PDF) 13 Page - Texas Instruments

tên linh kiện XM33C321ASPZR
Giải thích chi tiết về linh kiện  MSPM33C321x Mixed-Signal Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 9Page - Texas Instruments XM33C321ASPZR Datasheet HTML 10Page - Texas Instruments XM33C321ASPZR Datasheet HTML 11Page - Texas Instruments XM33C321ASPZR Datasheet HTML 12Page - Texas Instruments XM33C321ASPZR Datasheet HTML 13Page - Texas Instruments XM33C321ASPZR Datasheet HTML 14Page - Texas Instruments XM33C321ASPZR Datasheet HTML 15Page - Texas Instruments XM33C321ASPZR Datasheet HTML 16Page - Texas Instruments XM33C321ASPZR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 113 page
background image
Table 6-2. Pin Attributes (PFA, PZ, PN, PM, RGZ, ZAW Packages) (continued)
PFA
PIN
PZ
PIN
PN
PIN
PM
PIN
RGZ
PIN
ZAW
PIN
PIN NAME/
IOMUX REG/
IOMUX ADDR
SIGNAL
NAME
IOMUX
NAME
SIGNAL
TYPE
BUFFER
TYPE
34
34
29
57
19
E9
PA11
PINCM22
0x400cc054
PA11
1
IO
HDIO (high-
drive)with
wake
TIMA0_1_C0N
2
O
TIMA0_0_C2N
3
O
UC1_0_SCL_RX
4
IOD
UC2_SCK
5
IOD
UC15_0_SCL
6
IOD
UC12_RX
7
IO
COMP0_OUT
8
O
BSL_UART_RX
(Non-IOMUX 1) 0
I
WAKE
(Non-IOMUX 2) 0
I
51
51
41
5
27
J10
PA12
PINCM34
0x400cc084
PA12
1
IO
HSIO (high-
speed)
CAN0_TX
2
O
TIMG4_0_C0
3
IO
FCC_IN
4
I
I2S0_BCLK
5
IO
QSPI_IO0
6
IO
UC13_0_CS0_CTS
7
IO
TIMA0_1_C1
8
IO
A0_8
(Non-IOMUX 1) 0
A
52
52
42
6
28
K10
PA13
PINCM35
0x400cc088
PA13
1
IO
HSIO (high-
speed)
CAN0_RX
2
I
TIMG4_0_C1
3
IO
TIMA0_1_FAL1
4
I
I2S0_AD0
5
IO
QSPI_IO2
6
IO
UC13_0_SCK_SCL
_RX
7
IOD
UC13_0_POCI_RT
S
8
IO
UC12_TX
9
IO
A0_9
(Non-IOMUX 1) 0
A
COMP0_IN2-
(Non-IOMUX 2) 0
A
VMON3
(Non-IOMUX 3) 0
A
53
53
43
7
29
K8
PA14
PINCM36
0x400cc08c
PA14
1
IO
HSIO (high-
speed)
CLK_OUT
2
O
TIMA0_1_C1N
3
O
TIMA0_0_C3
4
IO
I2S0_AD1
5
IO
QSPI_IO1
6
IO
UC1_0_CTS
7
IO
UC13_0_PICO_SD
A_TX
8
IOD
UC12_RX
9
IO
A0_12
(Non-IOMUX 1) 0
A
COMP0_IN2+
(Non-IOMUX 2) 0
A
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More