| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XM33C321ASPZR bảng dữ liệu(PDF) 32 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XM33C321ASPZR bảng dữ liệu(HTML) 32 Page - Texas Instruments |
|
32 / 113 page ![]() Table 6-12. Programming and Debug Signal Descriptions (continued) SIGNAL NAME PIN TYP E DESCRIPTION PFA PIN PZ PIN PN PIN PM PIN RGZ PIN ZAW PIN TDI I TDI for boundary scan only 77 77 62 18 40 H2 TDO IO TDO for boundary scan only 28 28 23 55 17 C9 Table 6-13. Quad Serial Peripherial Interface (QSPI) SIGNAL NAME PIN TYP E DESCRIPTION PFA PIN PZ PIN PN PIN PM PIN RGZ PIN ZAW PIN QSPI_CLK IOD Quad SPI CLK signal 50 50 40 4 26 J8 QSPI_CS0 IO Quad SPI chip select 0 48, 56 48, 56 38, 46 2 24 J7, J9 QSPI_CS1 IO Quad SPI chip select 1 70 70 55 11 33 K3 QSPI_CS2 IO Quad SPI chip select 2 47 47 37 1 H10 QSPI_CS3 IO Quad SPI chip select 3 55 55 45 H7 QSPI_IO0 IO Quad SPI IO0 51 51 41 5 27 J10 QSPI_IO1 IO Quad SPI IO1 53 53 43 7 29 K8 QSPI_IO2 IO Quad SPI IO2 52 52 42 6 28 K10 QSPI_IO3 IO Quad SPI IO3 49 49 39 3 25 G8 Table 6-14. Real-time Clock (RTC) Signal Descriptions SIGNAL NAME PIN TYP E DESCRIPTION PFA PIN PZ PIN PN PIN PM PIN RGZ PIN ZAW PIN RTC_OUT O Real-time clock output signal 28, 99 28, 99 23, 79 31, 55 17, 47 B2, C9 Table 6-15. System Controller (SYSCTL) Signal Descriptions SIGNAL NAME PIN TYP E DESCRIPTION PFA PIN PZ PIN PN PIN PM PIN RGZ PIN ZAW PIN NRST RES ET Active-low reset signal (must be logic high for the device to start) 6 6 6 38 4 B4 Table 6-16. Timer (TIMx) Signal Descriptions SIGNAL NAME PIN TYP E DESCRIPTION PFA PIN PZ PIN PN PIN PM PIN RGZ PIN ZAW PIN TIMA0_0_C0 IO TIMA0_0 capture/compare 0 signal 27, 29, 48, 65, 76, 78 27, 29, 48, 65, 76, 78 22, 24, 38, 50, 61, 63 17, 2, 54 16, 24, 39 D10, E8, H3, H5, J2, J9 TIMA0_0_C1 IO TIMA0_0 capture/compare 1 signal 15, 16, 2, 31, 67, 80, 82 15, 16, 2, 31, 67, 80, 82 10, 11, 2, 26, 52, 65, 67 19, 34, 42, 43 2, 41, 8, 9 A5, A6, C4, D7, F3, G4, G6 TIMA0_0_C2 IO TIMA0_0 capture/compare 2 signal 22, 25, 33, 54, 56, 73 22, 25, 33, 54, 56, 73 17, 20, 28, 44, 46, 58 14, 49, 52, 56 13, 18, 30, 36 B7, D9, E7, J7, K2, K7 TIMA0_0_C3 IO TIMA0_0 capture/compare 3 signal 23, 53, 69, 92 23, 53, 69, 92 18, 43, 54, 72 10, 24, 50, 7 14, 29, 32, 43 C8, E1, K4, K8 TIMA0_0_C0N O TIMA0_0 capture/compare 0 complementary output 28, 30, 43, 66, 77, 79 28, 30, 43, 66, 77, 79 23, 25, 33, 51, 62, 64 18, 55, 61 17, 23, 40 B9, C9, G3, G7, H2, H4 MSPM33C321A, MSPM33C3219 SLASFB6 – DECEMBER 2025 www.ti.com 32 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: MSPM33C321A MSPM33C3219 |