công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XM33C321ASPZR bảng dữ liệu(PDF) 12 Page - Texas Instruments

tên linh kiện XM33C321ASPZR
Giải thích chi tiết về linh kiện  MSPM33C321x Mixed-Signal Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR bảng dữ liệu(HTML) 12 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 8Page - Texas Instruments XM33C321ASPZR Datasheet HTML 9Page - Texas Instruments XM33C321ASPZR Datasheet HTML 10Page - Texas Instruments XM33C321ASPZR Datasheet HTML 11Page - Texas Instruments XM33C321ASPZR Datasheet HTML 12Page - Texas Instruments XM33C321ASPZR Datasheet HTML 13Page - Texas Instruments XM33C321ASPZR Datasheet HTML 14Page - Texas Instruments XM33C321ASPZR Datasheet HTML 15Page - Texas Instruments XM33C321ASPZR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 113 page
background image
Table 6-2. Pin Attributes (PFA, PZ, PN, PM, RGZ, ZAW Packages) (continued)
PFA
PIN
PZ
PIN
PN
PIN
PM
PIN
RGZ
PIN
ZAW
PIN
PIN NAME/
IOMUX REG/
IOMUX ADDR
SIGNAL
NAME
IOMUX
NAME
SIGNAL
TYPE
BUFFER
TYPE
17
17
12
44
10
A7
PA4
PINCM9
0x400cc020
PA4
1
IO
SDIO
(standard)
LFCLKIN
2
I
TIMA0_0_C1N
3
O
UC1_1_SCL_RX
4
IOD
UC2_POCI
5
IO
UC13_1_CS0_CTS
6
IO
UC15_1_SCL
7
IOD
LFXOUT
(Non-IOMUX 1) 0
A
18
18
13
45
11
A8
PA5
PINCM10
0x400cc024
PA5
1
IO
SDIO
(standard)
TIMG4_2_C0
2
IO
TIMG4_0_C0
3
IO
UC2_PICO
5
IO
HFXIN
(Non-IOMUX 1) 0
A
19
19
14
46
12
A9
PA6
PINCM11
0x400cc028
PA6
1
IO
SDIO
(standard)
TIMG4_2_C1
2
IO
HFCLKIN
3
I
TIMA0_0_C2N
4
O
UC2_SCK
5
IOD
TIMG4_0_C1
6
IO
HFXOUT
(Non-IOMUX 1) 0
A
22
22
17
49
13
B7
PA7
PINCM14
0x400cc034
PA7
1
IO
SDIO
(standard)
TIMG4_3_C1
2
IO
CLK_OUT
3
O
COMP0_OUT
4
O
TIMA0_0_C2
5
IO
I2S0_WCLK
6
IO
27
27
22
54
16
D10
PA8
PINCM19
0x400cc048
PA8
1
IO
HSIO (high-
speed)
TIMA0_0_C0
2
IO
TIMA0_1_C0
3
IO
UC1_0_RTS
4
IO
UC1_1_SDA_TX
5
IOD
UC2_SCK
6
IOD
UC12_RTS
7
IO
I2S0_WCLK
8
IO
33
33
28
56
18
E7
PA10
PINCM21
0x400cc050
PA10
1
IO
HDIO (high-
drive)with
wake
TIMG12_0_C0
2
IO
TIMA0_0_C2
3
IO
UC1_0_SDA_TX
4
IOD
UC2_POCI
5
IO
UC15_0_SDA
6
IOD
UC12_TX
7
IO
UC13_1_SCK_SCL
_RX
8
IOD
BSL_UART_TX
(Non-IOMUX 1) 0
O
WAKE
(Non-IOMUX 2) 0
I
MSPM33C321A, MSPM33C3219
SLASFB6 – DECEMBER 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More