| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PLB12F0000/AA. bảng dữ liệu(PDF) 67 Page - Positronic. |
|
|
|||||||||||||||||||||||||||||
PLB12F0000/AA. bảng dữ liệu(HTML) 67 Page - Positronic. |
|
67 / 72 page ![]() Power Connection Systems Positronic connectpositronic.com 61 DIMENSIONS ARE IN INCHES [MILLIMETERS]. ALL DIMENSIONS ARE SUBJECT TO CHANGE. Mounting Clip Factory Installed *A±0.020 [0.51] 0.870 [22.10] *B Mounting Clip Factory Installed *A±0.020 [0.51] 0.920 [23.37] *B CODE 6 IN STEP 6 OF ORDERING INFORMATION PAGE QUICK RELEASE MOUNTING CLIP AND PANEL CUTOUT 0.415±0.005 [10.54±0.13] 0.015[0.38] R. MAX. TYP. C±0.005 A±0.010 B±0.005 Maximum panel thickness: 0.063 [1.60] nominal. CONNECTOR VARIANTS A B C PLA03 1.600 [40.64] 1.168 [29.67] 0.445 [11.30] PLA04 1.798 [45.67] 1.366 [34.70] 0.445 [11.30] PLA06 2.192 [55.68] 1.760 [44.70] 0.445 [11.30] PLA08 2.586 [65.68] 2.154 [54.71] 0.445 [11.30] PLB06 1.600 [40.64] 1.168 [29.67] 0.643 [16.33] PLB08 1.798 [45.67] 1.366 [34.70] 0.643 [16.33] PLB12 2.192 [55.68] 1.760 [44.70] 0.643 [16.33] PLB16 2.586 [65.68] 2.154 [54.71] 0.643 [16.33] PLB20 2.980 [75.69] 2.548 [64.72] 0.643 [16.33] PLC09 1.600 [40.64] 1.168 [29.67] 0.839 [21.31] PLC12 1.798 [45.67] 1.366 [34.70] 0.839 [21.31] PLC18 2.192 [55.68] 1.760 [44.70] 0.839 [21.31] PLC24 2.586 [65.68] 2.154 [54.71] 0.839 [21.31] PLC30 2.980 [75.69] 2.548 [64.72] 0.839 [21.31] PANEL CUTOUT FOR USE WITH QUICK RELEASE MOUNTING CLIPS Mounting Clip Factory Installed A±0.020 [0.51] 0.600 [15.24] B Mounting Clip Factory Installed A±0.020 [0.51] 0.600 [15.24] B PANEL MOUNT CONNECTORS WITH QUICK RELEASE MOUNTING CLIP CODE 6 IN STEP 6 OF ORDERING INFORMATION PAGE MALE FEMALE Typical part number: PLB06M206C1 Typical part number: PLB06F206C1 For connection system 8 For connection system 8 PANEL MOUNT CONNECTORS WITH QUICK RELEASE MOUNTING CLIP FOR REMOVABLE CONTACTS CONNECTOR VARIANTS A B CONNECTOR VARIANTS A B PLA03 1.126 [28.60] 0.408 [10.36] PLB16 2.112 [53.64] 0.606 [15.39] PLA04 1.324 [33.63] 0.408 [10.36] PLB20 2.506 [63.65] 0.606 [15.39] PLA06 1.718 [43.64] 0.408 [10.36] PLC09 1.126 [28.60] 0.802 [30.37] PLA08 2.112 [53.64] 0.408 [10.36] PLC12 1.324 [33.63] 0.802 [30.37] PLB06 1.126 [28.60] 0.606 [15.39] PLC18 1.718 [43.64] 0.802 [30.37] PLB08 1.324 [33.63] 0.606 [15.39] PLC24 2.112 [53.64] 0.802 [30.37] PLB12 1.718 [43.64] 0.606 [15.39] PLC30 2.506 [63.65] 0.802 [30.37] MALE FEMALE Typical part number: PLB06F1060 Typical part number: PLB06M1060 *Note: See chart above for connector dimensions. |