| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PLB12F0000/AA. bảng dữ liệu(PDF) 29 Page - Positronic. |
|
|
|||||||||||||||||||||||||||||
PLB12F0000/AA. bảng dữ liệu(HTML) 29 Page - Positronic. |
|
29 / 72 page ![]() Power Connection Systems Positronic connectpositronic.com 23 DIMENSIONS ARE IN INCHES [MILLIMETERS]. ALL DIMENSIONS ARE SUBJECT TO CHANGE. 1 2 3 1 2 1 2 3 1 2 3 4 3 4 4 5 6 5 6 7 8 1 2 3 6 5 4 1 2 3 7 6 5 6 12 7 8 2 1 1 2 10 9 4 8 3 9 5 11 4 10 3 11 4 12 5 13 6 14 8 16 7 15 4 2 3 1 6 5 8 7 1 2 3 4 5 6 7 8 9 1 2 3 4 6 5 8 7 10 9 12 11 1 2 5 6 4 3 7 8 9 10 11 12 13 14 15 16 17 18 1 2 3 8 7 6 5 4 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 30 20 10 21 24 11 14 1 4 26 25 15 16 28 27 29 18 17 19 6 5 8 7 9 23 13 3 22 12 2 0.408±0.015 [10.36±0.38] 0.870±0.020 [22.10±0.51] 0.190±0.020 [4.83±0.51] 1.126±0.020 [28.60±0.51] 0.408±0.015 [10.36±0.38] 0.408±0.015 [10.36±0.38] 0.408±0.015 [10.36±0.38] 0.606±0.015 [15.39±0.38] 0.802±0.015 [20.37±0.38] 0.802±0.015 [20.37±0.38] 0.606±0.015 [15.39±0.38] 0.606±0.015 [15.39±0.38] 0.606±0.015 [15.39±0.38] 0.802±0.015 [20.37±0.38] 0.802±0.015 [20.37±0.38] 0.802±0.015 [20.37±0.38] 1.324±0.020 [33.63±0.51] 1.718±0.020 [43.64±0.51] 1.126±0.020 [28.60±0.51] 1.324±0.020 [33.63±0.51] 1.718±0.020 [43.64±0.51] 1.126±0.020 [28.60±0.51] 1.324±0.020 [33.63±0.51] 1.718±0.020 [43.64±0.51] 0.560±0.020 [14.22±0.51] 2.112±0.020 [53.64±0.51] 2.112±0.020 [53.64±0.51] 2.112±0.020 [53.64±0.51] 2.506±0.020 [63.65±0.51] PLA 03 PLA 04 PLA 06 PLA 08 PLB 16 PLB 12 PLB 08 PLB 06 PLC 09 PLC 12 PLC 18 PLC 30 PLC 24 For information regarding panel cutouts, see page 63. MALE INSULATOR DIMENSIONS FOR PANEL MOUNT CONNECTORS WITH SIZE 16 REMOVABLE CONTACTS CODE 1 OR CODE 8 CONTACTS ARE NOT SUPPLIED WITH CONNECTOR AND MUST BE ORDERED SEPARATELY MALE INSULATOR DIMENSIONS FOR PANEL MOUNT CONNECTORS For information regarding size 16 removable contacts, see Removable Contact section, pages 47-53. NOTE: MOUNTING SCREWS CAN BE SUPPLIED WITH CONNECTORS USING STEP 5 IN ORDERING INFORMATION ON PAGE 26. MOUNTING SCREWS CAN ALSO BE ORDERED SEPARATELY BY PART NUMBER. SEE PAGE 59. |