công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PLB12F0000/AA. bảng dữ liệu(PDF) 17 Page - Positronic.

tên linh kiện PLB12F0000/AA.
Giải thích chi tiết về linh kiện  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  POSITRONIC [Positronic.]
Trang chủ  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB12F0000/AA. bảng dữ liệu(HTML) 17 Page - Positronic.

Back Button PLB12F0000/AA. Datasheet HTML 13Page - Positronic. PLB12F0000/AA. Datasheet HTML 14Page - Positronic. PLB12F0000/AA. Datasheet HTML 15Page - Positronic. PLB12F0000/AA. Datasheet HTML 16Page - Positronic. PLB12F0000/AA. Datasheet HTML 17Page - Positronic. PLB12F0000/AA. Datasheet HTML 18Page - Positronic. PLB12F0000/AA. Datasheet HTML 19Page - Positronic. PLB12F0000/AA. Datasheet HTML 20Page - Positronic. PLB12F0000/AA. Datasheet HTML 21Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
11
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
0.600
[15.24]
0.408
[10.36]
A±0.020 [0.51]
0.146 [3.71]
A±0.020 [0.51]
A±0.020 [0.51]
A±0.020 [0.51]
A±0.020 [0.51]
A±0.020 [0.51]
0.606
[15.39]
0.600
[15.24]
0.146 [3.71]
0.600
[15.24]
0.146 [3.71]
0.408
[10.36]
0.606
[15.39]
0.802
[20.37]
0.802
[20.37]
0.600
[15.24]
0.146 [3.71]
ø0.062 [1.57]
0.230 [5.84]
0.600
[15.24]
0.146 [3.71]
ø0.062 [1.57]
0.230 [5.84]
0.600
[15.24]
0.146 [3.71]
ø0.062 [1.57]
0.230 [5.84]
ø0.062 [1.57]
ø0.062 [1.57]
ø0.062 [1.57]
Typical part number:
PLA03F300A1
PLAH03F300A1
Typical part number:
PLB06F300A1
PLAH06F300AI
Typical part number:
PLB06M300A1
PLBH06M300A1
Typical part number:
PLC09F300A1
PLCH09F300A1
Typical part number:
PLA03M300A1
PLAH03M300A1
PLA STRAIGHT PRINTED BOARD MOUNT CONNECTORS
PLB STRAIGHT PRINTED BOARD MOUNT CONNECTORS
PLC STRAIGHT PRINTED BOARD MOUNT CONNECTORS
CODE 3, 0.146 [3.71] CONTACT EXTENSION
CODE 3, 0.146 [3.71] CONTACT EXTENSION
Plating- See ordering information
for contact plating options.
For connection systems 1, 4 and 6.
MALE
FEMALE
MALE
FEMALE
MALE
FEMALE
*Asterisk determines gender of connector,
M for male, F for female.
STRAIGHT SOLDER PRINTED
BOARD CONNECTOR
PART NUMBER
A
PART NUMBER
A
PLA03*300A1
PLAH03*300A1
1.126
[28.60]
PLA06*300A1
PLAH06*300A1
1.718
[43.64]
PLA04*300A1
PLAH04*300A1
1.324
[33.63]
PLA08*300A1
PLAH08*300A1
2.112
[53.64]
PART NUMBER
A
PART NUMBER
A
PLB06*300A1
PLBH06*300A1
1.126
[28.60]
PLB16*300A1
PLBH16*300A1
2.112
[53.64]
PLB08*300A1
PLBH08*300A1
1.324
[33.63]
PLB20*300A1
PLBH20*300A1
2.506
[63.65]
PLB12*300A1
PLBH12*300A1
1.718
[43.64]
PART NUMBER
A
PART NUMBER
A
PLC09*300A1
PLCH09*300A1
1.126
[28.60]
PLC24*300A1
PLCH24*300A1
2.112
[53.64]
PLC12*300A1
PLCH12*300A1
1.324
[33.63]
PLC30*300A1
PLCH30*300A1
2.506
[63.65]
PLC18*300A1
PLCH18*300A1
1.718
[43.64]
Typical part number:
PLC09M300A1
PLCH09M300A1
Plating- See ordering information
for contact plating options.
For connection systems 1, 4 and 6.
Plating- See ordering information
for contact plating options.
For connection systems 1, 4 and 6.
*Asterisk determines gender of connector,
M for male, F for female.
NOTE: MOUNTING SCREWS CAN
BE SUPPLIED WITH CONNECTORS
USING STEP 5 IN ORDERING
INFORMATION ON PAGE 26.
MOUNTING SCREWS CAN ALSO BE
ORDERED SEPARATELY BY PART
NUMBER. SEE PAGE 59.
CODE 3, 0.146 [3.71] CONTACT EXTENSION
NOTE: MOUNTING SCREWS CAN
BE SUPPLIED WITH CONNECTORS
USING STEP 5 IN ORDERING
INFORMATION ON PAGE 26.
MOUNTING SCREWS CAN ALSO BE
ORDERED SEPARATELY BY PART
NUMBER. SEE PAGE 59.
*Asterisk determines gender of connector,
M for male, F for female.
Positronic recommends the practice of using mounting
hardware to secure connector to printed circuit board.
NOTE: MOUNTING SCREWS CAN
BE SUPPLIED WITH CONNECTORS
USING STEP 5 IN ORDERING
INFORMATION ON PAGE 26.
MOUNTING SCREWS CAN ALSO BE
ORDERED SEPARATELY BY PART
NUMBER. SEE PAGE 59.
NEW
DRAWINGS
Rev G2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72