| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PLB12F0000/AA. bảng dữ liệu(PDF) 51 Page - Positronic. |
|
|
|||||||||||||||||||||||||||||
PLB12F0000/AA. bảng dữ liệu(HTML) 51 Page - Positronic. |
|
51 / 72 page ![]() Power Connection Systems Positronic connectpositronic.com 45 DIMENSIONS ARE IN INCHES [MILLIMETERS]. ALL DIMENSIONS ARE SUBJECT TO CHANGE. COMPLIANT PRESS-IN CONNECTOR PLB(H)10W2 COMPLIANT PRESS-IN CONNECTOR CODE 93 PLC(H)16W4 COMPLIANT PRESS-IN CONNECTOR CODE 93 MALE FEMALE Typical part numbers: PLB10W2M9300A1 PLBH10W2M9300A1 Typical part numbers: PLB10W2F9300A1 PLBH10W2F9300A1 Typical part numbers: PLC16W4M9300A1 PLCH16W4M9300A1 Typical part numbers: PLC16W4F9300A1 PLCH16W4F9300A1 MALE FEMALE NOTE: Connectors are designed to be mounted to the printed circuit board with screws, see page 59 for mounting screw information. See page 43 for contact hole pattern. NOTE: Connectors are designed to be mounted to the printed circuit board with screws, see page 59 for mounting screw information. See page 43 for contact hole pattern. NOTE: Positronic recommends the practice of using mounting hardware to secure connector to printed circuit board. Mounting screws can be supplied with connectors using step 5 in ordering information on page 46. Mounting screws can also be ordered separately by part number. See page 59. NOTE: Positronic recommends the practice of using mounting hardware to secure connector to printed circuit board. Mounting screws can be supplied with connectors using step 5 in ordering information on page 46. Mounting screws can also be ordered separately by part number. See page 59. |