công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PLB12F0000/AA. bảng dữ liệu(PDF) 18 Page - Positronic.

tên linh kiện PLB12F0000/AA.
Giải thích chi tiết về linh kiện  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  POSITRONIC [Positronic.]
Trang chủ  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB12F0000/AA. bảng dữ liệu(HTML) 18 Page - Positronic.

Back Button PLB12F0000/AA. Datasheet HTML 14Page - Positronic. PLB12F0000/AA. Datasheet HTML 15Page - Positronic. PLB12F0000/AA. Datasheet HTML 16Page - Positronic. PLB12F0000/AA. Datasheet HTML 17Page - Positronic. PLB12F0000/AA. Datasheet HTML 18Page - Positronic. PLB12F0000/AA. Datasheet HTML 19Page - Positronic. PLB12F0000/AA. Datasheet HTML 20Page - Positronic. PLB12F0000/AA. Datasheet HTML 21Page - Positronic. PLB12F0000/AA. Datasheet HTML 22Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
NEW
0.408
DRAWINGS
[10.36]
A±0.020 [0.51]
0.600
[15.24]
A±0.020 [0.51]
A±0.020 [0.51]
A±0.020 [0.51]
A±0.020 [0.51]
A±0.020 [0.51]
0.600
[15.24]
0.600
[15.24]
ø0.062 [1.57]
ø0.062 [1.57]
ø0.062 [1.57]
0.408
[10.36]
0.606
[15.39]
0.802
[20.37]
0.606
[15.39]
0.802
[20.37]
0.230 [5.84]
ø0.062 [1.57]
0.600
[15.24]
ø0.062 [1.57]
0.230 [5.84]
0.600
[15.24]
ø0.062 [1.57]
0.230 [5.84]
0.600
[15.24]
0.377 [9.58]
0.377 [9.58]
0.377 [9.58]
0.377 [9.58]
0.377 [9.58]
0.377 [9.58]
Power
Connection
Systems
Positronic
connectpositronic.com
12
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
Typical part number:
PLA03M3200A1
PLAH03M3200A1
Typical part number:
PLA03F3200A1
PLAH03F3200A1
Typical part number:
PLB06F3200A1
PLBH06F3200A1
Typical part number:
PLC09F3200A1
PLCH09F3200A1
Typical part number:
PLB06M3200A1
PLBH06M3200A1
Typical part number:
PLC09M3200A1
PLCH09M3200A1
CODE 32, 0.377 [9.58] CONTACT EXTENSION
CODE 32, 0.377 [9.58] CONTACT EXTENSION
For connection systems 1, 3, 4 and 6.
PLB STRAIGHT PRINTED BOARD MOUNT CONNECTORS
PLC STRAIGHT PRINTED BOARD MOUNT CONNECTORS
CODE 32, 0.377 [9.58] CONTACT EXTENSION
PLA STRAIGHT PRINTED BOARD MOUNT CONNECTORS
MALE
FEMALE
MALE
FEMALE
MALE
FEMALE
PART NUMBER
A
PART NUMBER
A
PLC09*3200A1
PLCH09*3200A1
1.126
[28.60]
PLC24*3200A1
PLCH24*3200A1
2.112
[53.64]
PLC12*3200A1
PLCH12*3200A1
1.324
[33.63]
PLC30*3200A1
PLCH30*3200A1
2.506
[63.65]
PLC18*3200A1
PLCH18*3200A1
1.718
[43.64]
PART NUMBER
A
PART NUMBER
A
PLB06*3200A1
PLBH06*3200A1
1.126
[28.60]
PLB16*3200A1
PLBH16*3200A1
2.112
[53.64]
PLB08*3200A1
PLBH08*3200A1
1.324
[33.63]
PLB20*3200A1
PLBH20*3200A1
2.506
[63.65]
PLB12*3200A1
PLBH12*3200A1
1.718
[43.64]
PART NUMBER
A
PART NUMBER
A
PLA03*3200A1
PLAH03*3200A1
1.126
[28.60]
PLA06*3200A1
PLAH06*3200A1
1.718
[43.64]
PLA04*3200A1
PLAH04*3200A1
1.324
[33.63
PLA08*3200A1
PLAH08*3200A1
2.112
[53.64]
Plating- See ordering information
for contact plating options.
For connection systems 1, 3, 4 and 6.
Plating- See ordering information
for contact plating options.
For connection systems 1, 3, 4 and 6.
Plating- See ordering information
for contact plating options.
STRAIGHT SOLDER PRINTED
BOARD CONNECTOR
NOTE: MOUNTING SCREWS CAN
BE SUPPLIED WITH CONNECTORS
USING STEP 5 IN ORDERING
INFORMATION ON PAGE 26.
MOUNTING SCREWS CAN ALSO BE
ORDERED SEPARATELY BY PART
NUMBER. SEE PAGE 59.
NOTE: MOUNTING SCREWS CAN
BE SUPPLIED WITH CONNECTORS
USING STEP 5 IN ORDERING
INFORMATION ON PAGE 26.
MOUNTING SCREWS CAN ALSO BE
ORDERED SEPARATELY BY PART
NUMBER. SEE PAGE 59.
NOTE: MOUNTING SCREWS CAN
BE SUPPLIED WITH CONNECTORS
USING STEP 5 IN ORDERING
INFORMATION ON PAGE 26.
MOUNTING SCREWS CAN ALSO BE
ORDERED SEPARATELY BY PART
NUMBER. SEE PAGE 59.
*Asterisk determines gender of connector,
M for male, F for female.
*Asterisk determines gender of connector,
M for male, F for female.
*Asterisk determines gender of connector,
M for male, F for female.
Rev G2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72