công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TUSB320I bảng dữ liệu(PDF) 12 Page - Texas Instruments

tên linh kiện TUSB320I
Giải thích chi tiết về linh kiện  TUSB320 USB Type-C™ Configuration Channel Logic and Port Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB320I bảng dữ liệu(HTML) 12 Page - Texas Instruments

Back Button TUSB320I Datasheet HTML 8Page - Texas Instruments TUSB320I Datasheet HTML 9Page - Texas Instruments TUSB320I Datasheet HTML 10Page - Texas Instruments TUSB320I Datasheet HTML 11Page - Texas Instruments TUSB320I Datasheet HTML 12Page - Texas Instruments TUSB320I Datasheet HTML 13Page - Texas Instruments TUSB320I Datasheet HTML 14Page - Texas Instruments TUSB320I Datasheet HTML 15Page - Texas Instruments TUSB320I Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
7.3.2 Type-C Current Mode
When a valid cable detection and attach have been completed, the DFP has the option to advertise the level of
Type-C current an UFP can sink. The default current advertisement for the TUSB320 device is 500 mA (for USB
2.0) or 900 mA (for USB 3.1). If a higher level of current is available, the I2C registers can be written to provide
medium current at 1.5 A or high current at 3 A. When the CURRENT_MODE_ADVERTISE register has been
written to advertise higher than default current, the DFP adjusts the Rps for the specified current level. If a DFP
advertises 3 A, it ensures that the VDD of the TUSB320 device is 3.5 V or greater. Table 7-2 lists the Type-C
current advertisements in GPIO an I2C modes.
Table 7-2. Type-C Current Advertisement for GPIO and I2C Modes
TYPE-C CURRENT
GPIO MODE (ADDR PIN IN NC)
I2C MODE (ADDR PIN H, L)
UFP (PORT PIN L)
DFP (PORT PIN H)
UFP
DFP
Default
500 mA (USB
2.0)
900 mA (USB
3.1)
Current mode detected
and output through
OUT1 / OUT2
Only advertisement
Current mode detected
and read through I2C
register
I2C register default is 500
or 900 mA
Medium – 1.5 A
N/A
Advertisement selected
through writing I2C register
High – 3 A
7.3.3 Accessory Support
The TUSB320 device supports audio and debug accessories in DFP mode and DRP mode. Audio and debug
accessory support is provided through reading of I2C registers. Audio accessory is also supported through GPIO
mode with INT_N/OUT3 pin (audio accessory is detected when INT_N/OUT3 pin is low).
7.3.3.1 Audio Accessory
Audio accessory mode is supported through two types of adapters. First, the passive audio adapter can be used
to convert the Type-C connector into an audio port. To effectively detect the passive audio adapter, the TUSB320
device must detect a resistance < Ra on both of the CC pins.
Secondly, a charge through audio adapter may be used. The primary difference between a passive and charge
through adapter is that the charge through adapter supplies 500 mA of current over VBUS. The charge through
adapter contains a receptacle and a plug. The plug acts as a DFP and supply VBUS when the plug detects a
connection.
When the TUSB320 device is configured in GPIO mode, OUT3 pin determines if an audio accessory is
connected. When an audio accessory is detected, the OUT3 pin is pulled low.
7.3.3.2 Debug Accessory
Debug is an additional state supported by USB Type-C. The specification does not define a specific user
scenario for this state, but it is important because the end user could use debug accessory mode to enter a test
state for production specific to the application. Charge through debug accessory is not supported by TUSB320
when in DRP or UFP mode.
7.3.4 I2C and GPIO Control
The TUSB320 device can be configured for I2C communication or GPIO outputs using the ADDR pin. The ADDR
pin is a tri-level control pin. When the ADDR pin is left floating (NC), the TUSB320 device is in GPIO output
mode. When the ADDR pin is pulled high or pulled low, the TUSB320 device is in I2C mode.
All outputs for the TUSB320 device are open drain configuration.
The OUT1 and OUT2 pins are used to output the Type-C current mode when in GPIO mode. Additionally, the
OUT3 pin is used to communicate the audio accessory mode in GPIO mode. Table 7-3 lists the output pin
settings. See the Pin Functions table for more information.
TUSB320, TUSB320I
SLLSEN9F – MAY 2015 – REVISED MARCH 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TUSB320 TUSB320I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com