công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TUSB320I bảng dữ liệu(PDF) 27 Page - Texas Instruments

tên linh kiện TUSB320I
Giải thích chi tiết về linh kiện  TUSB320 USB Type-C™ Configuration Channel Logic and Port Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB320I bảng dữ liệu(HTML) 27 Page - Texas Instruments

Back Button TUSB320I Datasheet HTML 23Page - Texas Instruments TUSB320I Datasheet HTML 24Page - Texas Instruments TUSB320I Datasheet HTML 25Page - Texas Instruments TUSB320I Datasheet HTML 26Page - Texas Instruments TUSB320I Datasheet HTML 27Page - Texas Instruments TUSB320I Datasheet HTML 28Page - Texas Instruments TUSB320I Datasheet HTML 29Page - Texas Instruments TUSB320I Datasheet HTML 30Page - Texas Instruments TUSB320I Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
8.3 Initialization Set Up
The general power-up sequence for the TUSB320 device (EN_N tied to ground) is as follows:
1. System is powered off (device has no VDD). The TUSB320 device is configured internally in UFP mode with
Rds on CC pins (dead battery).
2. VDD ramps – POR circuit. VDD must ramp within 25 ms or less. IO pull-up power rail (for example, pull up on
ID, INT, SCL, SDA, ADDR, and PORT) must ramp with VDD or lag after VDD.
3. I2C supply ramps up.
4. The TUSB320 device enters unattached mode and determines the voltage level from the PORT pin. This
determines the mode in which the TUSB320 device operates (DFP, UFP, and DRP).
5. The TUSB320 device monitors the CC pins as a DFP and VBUS for attach as an UFP.
6. The TUSB320 device enters active mode when attach has been successfully detected.
9 Power Supply Recommendations
The TUSB320 device has a wide power supply range from 2.7 to 5 V, and can be powered by a battery system.
10 Layout
10.1 Layout Guidelines
1. An extra trace (or stub) is created when connecting between more than two points. A trace connecting pin
A6 to pin B6 will create a stub because the trace also has to go to the USB Host. Ensure that:
• A stub created by short on pin A6 (DP) and pin B6 (DP) at Type-C receptacle does not exceed 3.5 mm.
• A stub created by short on pin A7 (DM) and pin B7 (DM) at Type-C receptacle does not exceed 3.5 mm.
2. A 100-nF capacitor should be placed as close as possible to the TUSB320 VDD pin.
10.2 Layout Example
Figure 10-1. TUSB320 Layout
www.ti.com
TUSB320, TUSB320I
SLLSEN9F – MAY 2015 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TUSB320 TUSB320I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com