công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TUSB320I bảng dữ liệu(PDF) 23 Page - Texas Instruments

tên linh kiện TUSB320I
Giải thích chi tiết về linh kiện  TUSB320 USB Type-C™ Configuration Channel Logic and Port Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB320I bảng dữ liệu(HTML) 23 Page - Texas Instruments

Back Button TUSB320I Datasheet HTML 19Page - Texas Instruments TUSB320I Datasheet HTML 20Page - Texas Instruments TUSB320I Datasheet HTML 21Page - Texas Instruments TUSB320I Datasheet HTML 22Page - Texas Instruments TUSB320I Datasheet HTML 23Page - Texas Instruments TUSB320I Datasheet HTML 24Page - Texas Instruments TUSB320I Datasheet HTML 25Page - Texas Instruments TUSB320I Datasheet HTML 26Page - Texas Instruments TUSB320I Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
8.2.2 DFP in I2C Mode
Figure 8-9 shows the TUSB320 device configured as a DFP in I2C mode.
A1
A12
B12
B1
A2
A3
A4
A5
A11
A6
A7
A8
A9
A10
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
VBUS
DP
DM
CC1
CC2
TUSB320
CC1
CC2
VBUS_DET
USB VBUS Switch
(optional BC 1.2 support for legacy)
DM_IN
DP_IN
VOUT
DM_OUT
DP_OUT
VIN
150 uF
System VBUS
PORT
100 nF
VDD_5 V
USB2
Host &
PMIC
4.7 K
4.7 K
SDA/OUT1
SCL/OUT2
INT_N/OUT3
ID
200 K
200 K
I2C I/O
1.8 V or 3.3 V
EN
SCL
SDA
FAULT#
DM
DP
PS_EN
PS_FAULT#
ID
INT#
SCL
SDA
4.7 K
Copyright © 2016, Texas Instruments Incorporated
Figure 8-9. DFP in I2C Mode Schematic
8.2.2.1 Design Requirements
For this design example, use the parameters listed in Table 8-3:
Table 8-3. Design Requirements for DFP in I2C Mode
DESIGN PARAMETER
VALUE
VDD (2.75 V to 5 V)
5 V
Mode (I2C or GPIO)
I2C
ADDR pin must be pulled down or pulled up
I2C address (0x61 or 0x60)
0x60
ADDR pin must be pulled low or tied to GND
Type-C port type (UFP, DFP, or DRP)
DFP
PORT pin is pulled up
Shutdown support (EN_N Control)
No
8.2.2.2 Detailed Design Procedure
The TUSB320 device supports a VDD in the range of 2.75 V to 5 V. In this particular case, VDD is set to 5 V. A
100-nF capacitor is placed near VDD.
The TUSB320 device is placed into I2C mode by either pulling the ADDR pin high or low. In this particular case,
the ADDR pin is tied to GND which results in an I2C address of 0x60. The SDA and SCL must be pulled up to
either 1.8 V or 3.3 V. When pulled up to 3.3 V, the VDD supply must be at least 3 V to keep from back-driving the
I2C interface.
The TUSB320 device can enter shutdown mode by pulling the EN_N pin high, which puts the TUSB320 device
into a low power state. In this case, external control of the EN_N pin is not implemented and therefore the EN_N
pin is tied to GND.
The INT_N/OUT3 pin is used to notify the PMIC when a change in the TUSB320 I2C registers occurs. This pin is
an open drain output and requires an external pullup resistor. The pin should be pulled up to VDD using a 200-kΩ
resistor.
www.ti.com
TUSB320, TUSB320I
SLLSEN9F – MAY 2015 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TUSB320 TUSB320I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com