công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TUSB320I bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện TUSB320I
Giải thích chi tiết về linh kiện  TUSB320 USB Type-C™ Configuration Channel Logic and Port Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB320I bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button TUSB320I Datasheet HTML 7Page - Texas Instruments TUSB320I Datasheet HTML 8Page - Texas Instruments TUSB320I Datasheet HTML 9Page - Texas Instruments TUSB320I Datasheet HTML 10Page - Texas Instruments TUSB320I Datasheet HTML 11Page - Texas Instruments TUSB320I Datasheet HTML 12Page - Texas Instruments TUSB320I Datasheet HTML 13Page - Texas Instruments TUSB320I Datasheet HTML 14Page - Texas Instruments TUSB320I Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Table 7-1. Supported Features for the TUSB320 Device by Mode
PORT PIN
HIGH
(DFP ONLY)
LOW
(UFP ONLY)
NC
(DRP)
SUPPORTED
FEATURES
Port attach and
detach
Yes
Yes
Yes
Cable orientation
(through I2C)
Yes
Yes
Yes
Current
advertisement
Yes
—
Yes (DFP)
Current detection
—
Yes
Yes (UFP)
Accessory modes
(audio and debug)
Yes
—
Yes
Active cable detection
Yes
—
Yes (DFP)
I2C / GPIO
Yes
Yes
Yes
Legacy cables
Yes
Yes
Yes
VBUS detection
—
Yes
Yes (UFP)
7.3.1.1 Downstream Facing Port (DFP) – Source
The TUSB320 device can be configured as a DFP only by pulling the PORT pin high through a resistance to
VDD. In DFP mode, the TUSB320 device constantly presents Rps on both CC. In DFP mode, the TUSB320
device initially advertises default USB Type-C current. The Type-C current can be adjusted through I2C if the
system needs to increase the amount advertised. The TUSB320 device adjusts the Rps to match the desired
Type-C current advertisement. In GPIO mode, the TUSB320 device only advertises default Type-C current.
When configured as a DFP, the TUSB320 can operate with older USB Type-C 1.0 devices except for a USB
Type-C 1.0 DRP device. The TUSB320 can not operate with a USB Type-C 1.0 DRP device. This limitation is a
result of a backwards compatibility problem between USB Type-C 1.1 DFP and a USB Type-C 1.0 DRP.
7.3.1.2 Upstream Facing Port (UFP) – Sink
The TUSB320 device can be configured as an UFP only by pulling the PORT pin low to GND. In UFP mode, the
TUSB320 device constantly presents pulldown resistors (Rd) on both CC pins. The TUSB320 device monitors
the CC pins for the voltage level corresponding to the Type-C mode current advertisement by the connected
DFP. The TUSB320 device debounces the CC pins and wait for VBUS detection before successfully attaching. As
an UFP, the TUSB320 device detects and communicates the advertised current level of the DFP to the system
through the OUT1 and OUT2 GPIOs (if in GPIO mode) or through the I2C CURRENT_MODE_DETECT register
one time in the Attached.SNK state.
After initial connection, the advertised current by the connected DFP could change due to changes in its system
power resource. For example, a DFP could advertise high current on initial connection but then decide to reduce
to default current because user removed external power adapter from their notebook. Because the TUSB320
will only advertise on OUT1 and OUT2 the initial advertised current, it is recommend to monitor the advertised
current through the TUSB320’s I2C interface from the CURRENT_MODE_DETECT register. System software
must periodically perform a I2C_SOFT_RESET in order for the CURRENT_MODE_DETECT register to be
updated based on the state of the CC pins.
7.3.1.3 Dual Role Port (DRP)
The TUSB320 device can be configured to operate as a DRP when the PORT pin is left floated on the PCB. In
DRP mode, the TUSB320 device toggles between operating as a DFP and an UFP. When functioning as a DFP
in DRP mode, the TUSB320 device complies with all operations as defined for a DFP according to the Type-C
specification. When presenting as an UFP in DRP mode, the TUSB320 device operates as defined for an UFP
according to the Type-C specification.
www.ti.com
TUSB320, TUSB320I
SLLSEN9F – MAY 2015 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TUSB320 TUSB320I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com