công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TUSB320I bảng dữ liệu(PDF) 24 Page - Texas Instruments

tên linh kiện TUSB320I
Giải thích chi tiết về linh kiện  TUSB320 USB Type-C™ Configuration Channel Logic and Port Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB320I bảng dữ liệu(HTML) 24 Page - Texas Instruments

Back Button TUSB320I Datasheet HTML 20Page - Texas Instruments TUSB320I Datasheet HTML 21Page - Texas Instruments TUSB320I Datasheet HTML 22Page - Texas Instruments TUSB320I Datasheet HTML 23Page - Texas Instruments TUSB320I Datasheet HTML 24Page - Texas Instruments TUSB320I Datasheet HTML 25Page - Texas Instruments TUSB320I Datasheet HTML 26Page - Texas Instruments TUSB320I Datasheet HTML 27Page - Texas Instruments TUSB320I Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
The Type-C port mode is determined by the state of the PORT pin. When the PORT pin is pulled high, the
TUSB320 device is in DFP mode. The Type-C port mode can also be controlled by the MODE_SELECT register
through the I2C interface when the TUSB320 device is in the unattached state.
The VBUS_DET pin must be connected through a 900-kΩ resistor to VBUS on the Type-C that is connected. This
large resistor is required to protect the TUSB320 device from the largest VBUS voltage that is possible in present
day systems. This resistor along with internal pulldown keeps the voltage observed by the TUSB320 device in
the recommended range.
The USB2 specification requires the bulk capacitance on VBUS based on UFP or DFP. When operating the
TUSB320 device in a DFP mode, a bulk capacitance of at least 120 µF is required. In this particular case, a
150-µF capacitor was chosen.
8.2.2.3 Application Curves
Figure 8-10. Application Curve for DFP in I2C Mode
TUSB320, TUSB320I
SLLSEN9F – MAY 2015 – REVISED MARCH 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TUSB320 TUSB320I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com