công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CGA2 bảng dữ liệu(PDF) 10 Page - TDK Electronics

tên linh kiện CGA2
Giải thích chi tiết về linh kiện  MULTILAYER CERAMIC CHIP CAPACITORS Automotive grade, mid voltage (100 to 630V)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TDK [TDK Electronics]
Trang chủ  http://www.tdk.com
Logo TDK - TDK Electronics

CGA2 bảng dữ liệu(HTML) 10 Page - TDK Electronics

Back Button CGA2 Datasheet HTML 6Page - TDK Electronics CGA2 Datasheet HTML 7Page - TDK Electronics CGA2 Datasheet HTML 8Page - TDK Electronics CGA2 Datasheet HTML 9Page - TDK Electronics CGA2 Datasheet HTML 10Page - TDK Electronics CGA2 Datasheet HTML 11Page - TDK Electronics CGA2 Datasheet HTML 12Page - TDK Electronics CGA2 Datasheet HTML 13Page - TDK Electronics CGA2 Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
20250224 / mlcc_automotive_midvoltage_en
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
(10/18)
MULTILAYER CERAMIC CHIP CAPACITORS
■Click the charts for details.
■For details such as the catalog numbers, please refer to the capacitance range table on page 11 and after.
■Click the charts for details.
■For details such as the catalog numbers, please refer to the capacitance range table on page 11 and after.
Capacitance range chart
CGA8/4532 [1812 inch]
Capacitance
C0G
X7R
X7S
X7T
(pF)
Code
2J
(630V)
2W
(450V)
2E
(250V)
2A
(100V)
2J
(630V)
2E
(250V)
2A
(100V)
2A
(100V)
2J
(630V)
2W
(450V)
2E
(250V)
8,200
822
10,000
103
15,000
153
22,000
223
33,000
333
47,000
473
68,000
683
100,000
104
150,000
154
220,000
224
330,000
334
470,000
474
680,000
684
1,000,000
105
1,500,000
155
2,200,000
225
3,300,000
335
4,700,000
475
Standard thickness
1.60 mm
2.00 mm
2.30 mm
2.50 mm
3.20 mm
Background gray: These products are not recommended for new designs.
Capacitance range chart
CGA9/5750 [2220 inch]
Capacitance
C0G
X7R
X7S
X7T
(pF)
Code
2J
(630V)
2W
(450V)
2E
(250V)
2A
(100V)
2J
(630V)
2E
(250V)
2A
(100V)
2A
(100V)
2J
(630V)
2W
(450V)
2E
(250V)
68,000
683
100,000
104
150,000
154
220,000
224
330,000
334
470,000
474
680,000
684
1,000,000
105
1,500,000
155
2,200,000
225
3,300,000
335
4,700,000
475
6,800,000
685
10,000,000
106
15,000,000
156
Standard thickness
1.60 mm
2.00 mm
2.30 mm
2.50 mm
2.80 mm
Background gray: These products are not recommended for new designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com