công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CGA2 bảng dữ liệu(PDF) 3 Page - TDK Electronics

tên linh kiện CGA2
Giải thích chi tiết về linh kiện  MULTILAYER CERAMIC CHIP CAPACITORS Automotive grade, mid voltage (100 to 630V)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TDK [TDK Electronics]
Trang chủ  http://www.tdk.com
Logo TDK - TDK Electronics

CGA2 bảng dữ liệu(HTML) 3 Page - TDK Electronics

  CGA2 Datasheet HTML 1Page - TDK Electronics CGA2 Datasheet HTML 2Page - TDK Electronics CGA2 Datasheet HTML 3Page - TDK Electronics CGA2 Datasheet HTML 4Page - TDK Electronics CGA2 Datasheet HTML 5Page - TDK Electronics CGA2 Datasheet HTML 6Page - TDK Electronics CGA2 Datasheet HTML 7Page - TDK Electronics CGA2 Datasheet HTML 8Page - TDK Electronics CGA2 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
20250224 / mlcc_automotive_midvoltage_en
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
(3/18)
MULTILAYER CERAMIC CHIP CAPACITORS
CGA series
Mid voltage (100 to 630V)
Type: CGA2/1005 [0402 inch]、CGA3/1608 [0603 inch]、CGA4/2012 [0805 inch]、
CGA5/3216 [1206 inch]、CGA6/3225 [1210 inch]、CGA8/4532 [1812 inch]、
CGA9/5750 [2220 inch]
■SERIES OVERVIEW
Automotive grade medium voltage CGA series is a product that supports circuits to which high voltages with rated voltages of 100 to 630V are applied.
The maximum capacitance value is 15
μF.
■FEATURES
⃝Voltage rating: 100V, 250V, 450V, 630V
⃝Operating temperature range: -55~+125°C
⃝C0G temperature characteristic which has excellent
stable temperature and DC-bias characteristcs is
applicable.
⃝Qualified based on AEC-Q200。
■APPLICATION
⃝Wireless Charging units, DC-DC converter, inverter, a
charger on board, etc.
⃝High voltage circuit decoupling, smoothing, and snubber,
resonant circuit, etc.
■SHAPE & DIMENSIONS
Dimensions in mm
* Dimensional tolerances are typical values.
L
Body length
W
Body width
T
Body height
B
Terminal width
G
Terminal spacing
Type
L
W
T
B
G
CGA2
1.00±0.05 0.50±0.05 0.50±0.05 0.10 min.
0.30 min.
CGA3
1.60±0.10
0.80±0.10 0.80±0.10 0.20 min.
0.30 min.
CGA4
2.00±0.20 1.25±0.20 1.25±0.20 0.20 min.
0.50 min.
CGA5
3.20±0.20 1.60±0.20 1.60±0.20 0.20 min.
1.00 min.
CGA6
3.20±0.40 2.50±0.30 2.50±0.30 0.20 min.
-
CGA8
4.50±0.40 3.20±0.40 2.50±0.30 0.20 min.
-
CGA9
5.70±0.40 5.00±0.40 2.50±0.30 0.20 min.
-
T
L
G
B
■PRODUCT STRUCTURE
The structure which multilayer dielectrics and inner electrodes
are stacked alternately. The monolithic and simple structure
contributes to superior mechanical strength and excellent
frequency characteristics.
Sn
Ni
Cu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com