công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CGA2 bảng dữ liệu(PDF) 4 Page - TDK Electronics

tên linh kiện CGA2
Giải thích chi tiết về linh kiện  MULTILAYER CERAMIC CHIP CAPACITORS Automotive grade, mid voltage (100 to 630V)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TDK [TDK Electronics]
Trang chủ  http://www.tdk.com
Logo TDK - TDK Electronics

CGA2 bảng dữ liệu(HTML) 4 Page - TDK Electronics

  CGA2 Datasheet HTML 1Page - TDK Electronics CGA2 Datasheet HTML 2Page - TDK Electronics CGA2 Datasheet HTML 3Page - TDK Electronics CGA2 Datasheet HTML 4Page - TDK Electronics CGA2 Datasheet HTML 5Page - TDK Electronics CGA2 Datasheet HTML 6Page - TDK Electronics CGA2 Datasheet HTML 7Page - TDK Electronics CGA2 Datasheet HTML 8Page - TDK Electronics CGA2 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
20250224 / mlcc_automotive_midvoltage_en
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
(4/18)
MULTILAYER CERAMIC CHIP CAPACITORS
■CATALOG NUMBER CONSTRUCTION
CGA
5
L
1
X7R
2A
475
K
160
A
C
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(1)Series
(2)Dimensions L x W (mm)
(3)Thickness code
(4)Voltage condition for life test
(5)Temperature characteristics
(6)Rated voltage (DC)
(7)Nominal capacitance (pF)
The capacitance is expressed in three digit codes and in units
of pico Farads (pF). The first and second digits identify the first
and second significant figures of the capacitance. The third
digit identifies the multiplier. R designates a decimal point.
(Example)0R5 = 0.5pF
101 = 100pF
225 = 2,200,000pF = 2.2
μF
(8)Capacitance tolerance
(9)Thickness
(10)Packaging style
(11)Special reserved code
Code
EIA
Length
Width
Terminal
width
2
CC0402
1.00
0.50
0.10
3
CC0603
1.60
0.80
0.20
4
CC0805
2.00
1.25
0.20
5
CC1206
3.20
1.60
0.20
6
CC1210
3.20
2.50
0.20
8
CC1812
4.50
3.20
0.20
9
CC2220
5.70
5.00
0.20
Code
Thickness
B
0.50 mm
C
0.60 mm
E
0.80 mm
F
0.85 mm
H
1.15 mm
J
1.25 mm
K
1.30 mm
L
1.60 mm
M
2.00 mm
N
2.30 mm
P
2.50 mm
Q
2.80 mm
R
3.20 mm
Symbol
Condition
1
1 x R.V.
2
2 x R.V.
3
1.5 x R.V.
4
1.2 x R.V.
Temperature
characteristics
Temperature coefficient
or capacitance change
Temperature range
C0G
0±30 ppm/°C
–55 to +125°C
X7R
±15%
–55 to +125°C
X7S
±22%
–55 to +125°C
X7T
+22,–33%
–55 to +125°C
Code
Voltage (DC)
2A
100V
2E
250V
2W
450V
2J
630V
Code
Tolerance
C
±0.25pF
D
±0.50pF
J
±5%
K
±10%
M
±20%
Code
Thickness
050
0.50 mm
060
0.60 mm
080
0.80 mm
085
0.85 mm
115
1.15 mm
125
1.25 mm
130
1.30 mm
160
1.60 mm
200
2.00 mm
230
2.30 mm
250
2.50 mm
280
2.80 mm
320
3.20 mm
Code
Style
A
178mm reel, 4mm pitch
B
178mm reel, 2mm pitch
K
178mm reel, 8mm pitch
Code
Description
A,B,C,N
TDK internal code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com