công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VN820PT bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện VN820PT
Giải thích chi tiết về linh kiện  High-side driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN820PT bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button VN820PT Datasheet HTML 7Page - STMicroelectronics VN820PT Datasheet HTML 8Page - STMicroelectronics VN820PT Datasheet HTML 9Page - STMicroelectronics VN820PT Datasheet HTML 10Page - STMicroelectronics VN820PT Datasheet HTML 11Page - STMicroelectronics VN820PT Datasheet HTML 12Page - STMicroelectronics VN820PT Datasheet HTML 13Page - STMicroelectronics VN820PT Datasheet HTML 14Page - STMicroelectronics VN820PT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
VN820
Electrical specifications
Doc ID 7370 Rev. 6
11/43
VIH
Input high level
3.25
V
IIH
High level input current
VIN =3.25 V
10
µA
Vhyst
Input hysteresis voltage
0.5
V
VICL
Input clamp voltage
IIN =1 mA
6
6.8
8
V
IIN =-1 mA
-0.7
V
Table 8.
VCC output diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VF
Forward on voltage
-IOUT = 2 A; Tj = 150°C
—
—
0.6
V
Table 9.
Status pin
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSTAT
Status low output voltage
ISTAT =1.6 mA
0.5
V
ILSTAT
Status leakage current
Normal operation; VSTAT =5 V
10
µA
CSTAT
Status pin input capacitance Normal operation; VSTAT = 5 V
100
pF
VSCL
Status clamp voltage
ISTAT =1 mA
6
6.8
8
V
ISTAT =- 1 mA
-0.7
V
Table 10.
Protections(1)
1.
To ensure long term reliability under heavy over-load or short circuit conditions, protection and related
diagnostic signals must be used together with a proper software strategy. If the device operates under
abnormal conditions this software must limit the duration and number of activation cycles.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
TTSD
Shutdown temperature
150
175
200
°C
TR
Reset temperature
135
°C
Thyst
Thermal hysteresis
7
15
°C
tSDL
Status delay in over-load
condition
Tj > Tjsh
20
ms
Ilim
Current limitation
9V < VCC < 36 V
9
13
20
A
5.5 V < VCC < 36 V
20
A
Vdemag
Turn-off output clamp
voltage
IOUT = 3 A; VIN =0 V;
L= 6mH
VCC - 41 VCC - 48 VCC - 55
V
Table 7.
Input pin (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com