| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA333W bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA333W bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 50 page ![]() DocID13365 Rev 3 17/50 STA333W Functional description 50 4.2 Serial audio interface description 4.2.1 Serial audio interface protocols The STA333W serial audio input was designed to interface with standard digital audio components and to accept serial data formats. The STA333W always acts as a slave when receiving audio input from standard digital audio components. Serial data for two channels is provided using 3 input pins: left/right clock LRCKI (pin 29), serial clock BICKI (pin 28), and serial data SDI (pin 30). The available formats are showed in Table 7 and Table 8, and set through register CONFB on page 24. Figure 7. I²S Figure 8. Left justified 1 n n-1 2 3 BICKI SDI LRCLKI n n-1 n n-1 3 2 1 3 2 1 1 n n-1 n n-1 2 3 SDI BICKI LRCLKI 1 2 3 |