| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9680TR bảng dữ liệu(PDF) 91 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9680TR bảng dữ liệu(HTML) 91 Page - STMicroelectronics |
|
91 / 286 page ![]() DS11615 Rev 7 91/286 L9680 SPI interfaces 285 7.4.14 Watchdog retry configuration register (WD_RETRY_CONF) ID: 28 Type: RW Read: 2800 Write: 0050 7.4.15 Microcontroller fault test register (MCU_FLT_TEST) ID: 29 Type: W Read: - Write: 0052 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MOSI - WD2_ERR_TH WD2_RETRY_TH X X X X X WD1_RETRY_TH MISO 0 0 0 0 0 0 WD2_ERR_TH WD2_RETRY_TH 0 0 0 0 0 WD1_RETRY_TH WD2_ERR_TH 4 4 - WD2 error counter threshold (number of W2 reset permitted before going to WD2_STOP state) WD2_RETRY_TH 4 4 - WD2 retry counter threshold (number of W2 errors permitted before asserting WD2_Lockout and increment WD2_ERRcnt) WD1_RETRY_TH 7 7 - WD1 retry counter threshold (number of WD errors permitted before latching WD1_LOCKOUT=1) 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MOSI - MCU_FLT_TEST Mode MISO 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 MCU_FLT_TEST MCU Fault Test Mode - Allows the masking of the MCUFLT_ERR and prevents reset $0FF0 Mask MCUFLT_ERR $F00F Do not mask MCUFLT_ERR |