| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9680TR bảng dữ liệu(PDF) 71 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9680TR bảng dữ liệu(HTML) 71 Page - STMicroelectronics |
|
71 / 286 page ![]() DS11615 Rev 7 71/286 L9680 SPI interfaces 285 0 WD2 Lockout inactive 1 WD2 Lockout active WD2_TM 0 0 0 WD2 test mode - reflects WD2TM signal state 0 WD2TM=0 1 WD2TM=1 WD2_WDR 0 0 - WD2 reset latch - set when WD2RESET or STOPPING states are entered, cleared upon read 0 WD2RST signal = 0 1 WD2RST signal = 1 WD1_LO 0 0 - WD1 lockout - reflects WD1 lockout state Set and cleared per Watchdog Timer Flow Diagram 0 WD1 Lockout inactive 1 WD1 Lockout active WD1_TM 0 0 0 WD1 test mode - reflects WD1TM signal state Set and cleared per Watchdog Timer Flow Diagram 0 WD1TM=0 1 WD1TM=1 WD1_WDR 0 0 - WD1 reset latch Set and cleared per Watchdog Timer Flow Diagram 0 WD1_WDR signal = 0 1 WD1_WDR signal = 1 MCURST 0 0 - MCU reset latch - set when MCUFLT pin goes low, cleared upon read 0 MCURST signal = 0 1 MCURST signal = 1 WSMRST 1 1 - Watchdog state machine reset Set when WSM reset goes to '1', cleared upon SPI read 0 WSM reset has not occurred 1 WSM reset has occurred SSMRST 1 1 1 Safing state machine reset Set when SSM reset goes to '1', cleared upon SPI read 0 SSM reset has not occurred 1 SSM Reset has occurred VCORE_ERR 0 - - VCOREMON pin status - set when VCOREMON pin goes out of range, reset upon read |