| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9680TR bảng dữ liệu(PDF) 85 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9680TR bảng dữ liệu(HTML) 85 Page - STMicroelectronics |
|
85 / 286 page ![]() DS11615 Rev 7 85/286 L9680 SPI interfaces 285 7.4.8 Deployment command (DEPCOM) ID: 12 Type: RW Read: 1200 Write: 0024 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MOSI - X X X X MISO 0 0 0 0 0 0 0 0 CHxDEPREQ N/A N/A N/A Channel x Deploy Request - non-latched channel-specific deploy request 0 No change to deployment control for channel x 1 Clear and start Expiration timer if in ARMING or SAFING state and in DEPLOY_ENABLED state CHxDEP 0 0 0 Channel x deployment expiration timer enable Set when SPI_DEPCOM(CHxDEPREQ=1) AND in ARMING or SAFING state AND in DEP_ENABLED state Cleared on SSM_RESET OR when in DEP_DISABLED state OR when Deploy Expiration Timer x reaches timeout threshold 1 Expiration timer enabled - Deploy command still valid 0 Expiration Timer disabled - Deploy command no more valid |