công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB89R118C bảng dữ liệu(PDF) 16 Page - RAMXEED LIMITED

tên linh kiện MB89R118C
Giải thích chi tiết về linh kiện  FeRAM Embedded High-speed RFID LSI
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RAMXEED [RAMXEED LIMITED]
Trang chủ  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R118C bảng dữ liệu(HTML) 16 Page - RAMXEED LIMITED

Back Button MB89R118C Datasheet HTML 12Page - RAMXEED LIMITED MB89R118C Datasheet HTML 13Page - RAMXEED LIMITED MB89R118C Datasheet HTML 14Page - RAMXEED LIMITED MB89R118C Datasheet HTML 15Page - RAMXEED LIMITED MB89R118C Datasheet HTML 16Page - RAMXEED LIMITED MB89R118C Datasheet HTML 17Page - RAMXEED LIMITED MB89R118C Datasheet HTML 18Page - RAMXEED LIMITED MB89R118C Datasheet HTML 19Page - RAMXEED LIMITED MB89R118C Datasheet HTML 20Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
MB89R118C
16
DS411-00001-6v0-E
10. Execution of Inventory Command by a Transponder
A transponder returns a response to the reader/writer when its UID is equal to the value that consists of the
mask value and the number of slots. The mask value is sent in the Inventory command, and the number of
slots is determined by the number of times the EOF signal is transmitted.
Algorithm for execution of processing by a transponder
The following figure shows the algorithm for the execution of processing by a transponder when an Inventory
command is received. The next figure shows the relationship between the UID and the mask value.
Nb_slots_flag=1?
SN_length=0
SN_length=4
YES
NO
YES
NO
Slot_Frame=SOF?
Slot_Frame=EOF?
YES
Wait (Slot_Frame)
NO
YES
NO
YES
NO
SN = 0
NbS = 1
NbS = 16
SN = SN + 1
SN < NbS-1
NbS
: Total number of slots (1 or 16)
SN
: Current slot number
LSB (value, n) : The “n” least significant bits of value
&
: Concatenation operator
Slot_Frame
: SOF or EOF
LSB (UID, SN_length  mask length) 
LSB (SN, SN_length) & LSB (mask,
mask length) ?
Algorithm for Execution of Processing by a Transponder when Inventory Command
Response transmission
End of processing
End of processing
End of processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com