công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB89R118C bảng dữ liệu(PDF) 43 Page - RAMXEED LIMITED

tên linh kiện MB89R118C
Giải thích chi tiết về linh kiện  FeRAM Embedded High-speed RFID LSI
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RAMXEED [RAMXEED LIMITED]
Trang chủ  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R118C bảng dữ liệu(HTML) 43 Page - RAMXEED LIMITED

Back Button MB89R118C Datasheet HTML 39Page - RAMXEED LIMITED MB89R118C Datasheet HTML 40Page - RAMXEED LIMITED MB89R118C Datasheet HTML 41Page - RAMXEED LIMITED MB89R118C Datasheet HTML 42Page - RAMXEED LIMITED MB89R118C Datasheet HTML 43Page - RAMXEED LIMITED MB89R118C Datasheet HTML 44Page - RAMXEED LIMITED MB89R118C Datasheet HTML 45Page - RAMXEED LIMITED MB89R118C Datasheet HTML 46Page - RAMXEED LIMITED MB89R118C Datasheet HTML 47Page - RAMXEED LIMITED  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
MB89R118C
DS411-00001-6v0-E
43
USAGE NOTES
Notes on the radio interface
- The performance of transponder is determined by not only LSI specification but also antenna design and
reader/writer characteristics. Therefor it is recommended for the customers to optimize the antenna and
reader/writer according to the required communication distance and usage environment.
- If the user intends to access multiple transponders from a reader/writer, the interference between
transponders or between the reader/writer and a transponder may degrade communication performance
(transmission distance and communication time) . Therefore, a user who intends to design a system using
multiple transponders should consider this point.
FeRAM Characteristics
*1 : Total number of reading and writing defines the minimum value of endurance, as an FeRAM memory
operates
with destructive readout mechanism.
*2 : Minimum values define retention time of the first reading/writing data right after shipment.
*3 : This value is calculated by reliability test results for reference as well.
Differences of the function between ISO/IEC15693 and MB89R118C.
The comparison of the function between ISO/IEC 15693 and MB89R118C is shown in the table below.
MB89R118C does not support the following functions.
• 1 out of 256 data coding
• 2-subcarrier
The Read/Write Multiple Blocks command supports up to 2 blocks read/write. It does not support 3 or more
blocks read/write.
(A custom command “Read Multiple Blocks Unlimited command” enables to read 3 or more blocks.)
Item
Value
Unit
Parameter
Min
Max
Read/Write Endurance*1
1012
Times/byte Operation Ambient Temperature TA   85 C
Data Retention*2
10
Years
Operation Ambient Temperature TA   85 C
30
Operation Ambient Temperature TA   70 C*3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com