công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB89R118C bảng dữ liệu(PDF) 41 Page - RAMXEED LIMITED

tên linh kiện MB89R118C
Giải thích chi tiết về linh kiện  FeRAM Embedded High-speed RFID LSI
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RAMXEED [RAMXEED LIMITED]
Trang chủ  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R118C bảng dữ liệu(HTML) 41 Page - RAMXEED LIMITED

Back Button MB89R118C Datasheet HTML 37Page - RAMXEED LIMITED MB89R118C Datasheet HTML 38Page - RAMXEED LIMITED MB89R118C Datasheet HTML 39Page - RAMXEED LIMITED MB89R118C Datasheet HTML 40Page - RAMXEED LIMITED MB89R118C Datasheet HTML 41Page - RAMXEED LIMITED MB89R118C Datasheet HTML 42Page - RAMXEED LIMITED MB89R118C Datasheet HTML 43Page - RAMXEED LIMITED MB89R118C Datasheet HTML 44Page - RAMXEED LIMITED MB89R118C Datasheet HTML 45Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
MB89R118C
DS411-00001-6v0-E
41
ABSOLUTE MAXIMUM RATINGS
WARNING: Semiconductor devices may be permanently damaged by application of stress (including, without
limitation, voltage, current or temperature) in excess of absolute maximum ratings.
Do not exceed any of these ratings.
RECOMMENDED OPERATING CONDITIONS
*:The minimum value of t3 on ASK100% does not meet ISO/IEC15693.
WARNING: The recommended operating conditions are required in order to ensure the normal operation of
the semiconductor device. All of the device's electrical characteristics are warranted when the
device is operated under these conditions.
Any use of semiconductor devices will be under their recommended operating condition.
Operation under any conditions other than these conditions may adversely affect reliability of
device and could result in device failure.
No warranty is made with respect to any use, operating conditions or combinations not represented
on this data sheet. If you are considering application under any conditions other than listed herein,
please contact sales representatives beforehand.
However, because the communication characteristics is deeply related with the combination of
antenna, reader/writer, and operating environment, this condition does not ensure the complete
operation of transponders. Therefore it is recommended to confirm the communication charac-
teristics with the actual antenna and reader/writer beforehand.
The values are confirmed with a reference antenna in the input capacitance 24 pF products and
its parameters are as follows.
External size
: 75 mm  46 mm
Number of turns
: 6
Width of conductor
: 1 mm
Space between 2 conductors : 0.4 mm
Parameter
Symbol
Ratings
Unit
Remarks
Min
Max
Maximum antenna input current
Imax
90
mApp
Input current
IRF
30
mArms Antenna connected.
ESD voltage immunity
|VESD|
2
kV
Human body model
Storage temperature
Tstg
55
125
C
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
Minimum antenna input voltage
VRF
7.5
10.2
Vp-p
Antenna connected.
ASK modulation index (10%)
m
10
30
Antenna connected.
ASK modulation index (100%)
m
95
100
Antenna connected.
ASK pulse width (10%)
t1
6.0
9.44
s
Antenna connected.
t2
3.0
t1
s
Antenna connected.
t3
0
4.5
s
Antenna connected.
ASK pulse width (100%)
t1
6.0
9.44
s
Antenna connected.
t2
2.1
t1
s
Antenna connected.
t3
1.0*
4.5
s
Antenna connected.
t4
0
0.8
s
Antenna connected.
Input frequency
Fin
13.553
13.560
13.567
MHz
Antenna connected.
Operating temperature
Ta
20
85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com