công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN75C3222 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện SN75C3222
Giải thích chi tiết về linh kiện  3-V to 5.5-V Single-channel RS-232 1-Mbits Line Driver and Receiver with ±15-kV IEC ESD Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SN75C3222 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  SN75C3222 Datasheet HTML 1Page - Texas Instruments SN75C3222 Datasheet HTML 2Page - Texas Instruments SN75C3222 Datasheet HTML 3Page - Texas Instruments SN75C3222 Datasheet HTML 4Page - Texas Instruments SN75C3222 Datasheet HTML 5Page - Texas Instruments SN75C3222 Datasheet HTML 6Page - Texas Instruments SN75C3222 Datasheet HTML 7Page - Texas Instruments SN75C3222 Datasheet HTML 8Page - Texas Instruments SN75C3222 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
3-V to 5.5-V Single-channel RS-232 1-Mbits Line Driver and Receiver
with ±15-kV IEC ESD Protection
1 Features
• ESD Protection for RS-232 pins
– ±15-kV Human-body model (HBM)
– ±8-kV IEC 61000-4-2 Contact discharge
– ±15-kV IEC 61000-4-2 Air-gap discharge
• Operate with 3-V to 5.5-V VCC supply
• Operate up to 1 Mbit/s
• Low Standby Current . . . 1 μA Typical
• External capacitors . . . 4 × 0.1 μF
• Accepts 5-V logic input with 3.3-V supply
• RS-232 Bus-pin esd protection exceeds ±15 kv
using human-body model (HBM)
• Auto-powerdown feature automatically disables
drivers for power savings
2 Applications
• Industrial PCs
• Wired networking
• Data center and enterprise computing
• Battery-powered systems
• PDAs
• Notebooks
• Laptops
• Palmtop PCs
• Hand-held equipment
3 Description
The SN65C3221E and SN75C3221E consist of one
line driver, one line receiver, and a dual charge-pump
circuit with ±15-kV IEC ESD protection pin to pin
(serial-port connection pins, including GND). These
devices provide the electrical interface between
an asynchronous communication controller and the
serial-port connector. The charge pump and four small
external capacitors allow operation from a single
3-V to 5.5-V supply. These devices operate at data
signaling rates up to 1 Mbit/s and a driver output slew
rate of 24 V/μs to 150 V/μs.
Flexible control options for power management are
available when the serial port is inactive. The auto-
powerdown feature functions when FORCEON is
low and FORCEOFF is high. During this mode of
operation, if the devices do not sense a valid RS-232
signal on the receiver input, the driver output is
disabled. If FORCEOFF is set low and EN is high,
both the driver and receiver are shut off, and the
supply current is reduced to 1 μA. Disconnecting
the serial port or turning off the peripheral drivers
causes the auto-powerdown condition to occur. Auto-
powerdown can be disabled when FORCEON and
FORCEOFF are high. With auto-powerdown enabled,
the device is activated automatically when a valid
signal is applied to the receiver input. The INVALID
output notifies the user if an RS-232 signal is present
at the receiver input. INVALID is high (valid data) if
the receiver input voltage is greater than 2.7 V or less
than –2.7 V, or has been between –0.3 V and 0.3 V
for less than 30 μs. INVALID is low (invalid data) if
the receiver input voltage is between –0.3 V and 0.3 V
for more than 30 μs. See Figure 8-5 for receiver input
levels.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
SNx5C3221E
SSOP (DB) 16
6.20 mm x 5.30 mm
TSSOP (DW) 16
10.3 mm x 7.50 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
spacer
DIN
DOUT
Auto-powerdown
INVALID
RIN
FORCEOFF
FORCEON
ROUT
EN
11
16
9
13
10
8
1
12
Logic Diagram (Positive Logic)
SN65C3221E, SN75C3221E
SLLS694C – NOVEMBER 2005 – REVISED JULY 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - SN75C3222

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN75C3222 TI-SN75C3222 Datasheet
256Kb / 12P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3222 TI-SN75C3222 Datasheet
260Kb / 14P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3222 TI-SN75C3222 Datasheet
459Kb / 18P
3-V TO 5.5-V TWO-CHANNEL RS-232 1-MBIT/S LINE DRIVERS/RECEIVERS WITH 짹15-kV IEC ESD PROTECTION
SN75C3222 TI1-SN75C3222 Datasheet
1Mb / 19P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3222 TI2-SN75C3222 Datasheet
860Kb / 23P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
REVISED OCTOBER 2004
More results

Mô tả tương tự - SN75C3222

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MAX3232 TI-MAX3232 Datasheet
331Kb / 14P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD PROTECTION
MAX3221E TI-MAX3221E_06 Datasheet
166Kb / 15P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 15-kV IEC ESD PROTECTION
MAX3227E TI-MAX3227E Datasheet
164Kb / 13P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3221E TI-TRS3221E Datasheet
344Kb / 16P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3221E TI-MAX3221E_07 Datasheet
357Kb / 17P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 15-kV IEC ESD PROTECTION
TRS3221E TI-TRS3221E_1 Datasheet
376Kb / 17P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3227E TI-TRS3227E Datasheet
350Kb / 15P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3221E TI1-TRS3221E_17 Datasheet
574Kb / 18P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 15-kV IEC ESD PROTECTION
TRS3221E TI-TRS3221E_V01 Datasheet
883Kb / 19P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3221 TI-MAX3221_V01 Datasheet
1Mb / 27P
MAX3221 3-V to 5.5-V RS-232 Line Driver and Receiver With ±15-kV ESD Protection
REVISED JULY 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com