công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN75C3222 bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện SN75C3222
Giải thích chi tiết về linh kiện  3-V to 5.5-V Single-channel RS-232 1-Mbits Line Driver and Receiver with ±15-kV IEC ESD Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SN75C3222 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button SN75C3222 Datasheet HTML 4Page - Texas Instruments SN75C3222 Datasheet HTML 5Page - Texas Instruments SN75C3222 Datasheet HTML 6Page - Texas Instruments SN75C3222 Datasheet HTML 7Page - Texas Instruments SN75C3222 Datasheet HTML 8Page - Texas Instruments SN75C3222 Datasheet HTML 9Page - Texas Instruments SN75C3222 Datasheet HTML 10Page - Texas Instruments SN75C3222 Datasheet HTML 11Page - Texas Instruments SN75C3222 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
7.9 Receiver Section: Electrical Characteristics
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 10-1)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP(2)
MAX
UNIT
VOH
High-level output voltage
IOH = –1 mA
VCC – 0.6 V
VCC – 0.1 V
V
VOL
Low-level output voltage
IOL = 1.6 mA
0.4
V
VIT+
Positive-going input threshold voltage
VCC = 3.3 V
1.6
2.4
V
VCC = 5 V
1.9
2.4
VIT–
Negative-going input threshold voltage
VCC = 3.3 V
0.6
1.1
V
VCC = 5 V
0.8
1.4
Vhys
Input hysteresis (VIT+ – VIT–)
0.5
V
Ioff
Output leakage current
FORCEOFF = 0 V
±0.05
±10
μA
ri
Input resistance
VI = ±3 V to ±25 V
3
5
7
kΩ
(1)
Test conditions are C1–C4 = 0.1 μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
7.10 Switching Characteristics: Receiver
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 10-1)
PARAMETER
TEST CONDITIONS(1)
TYP(2)
UNIT
tPLH
Propagation delay time, low- to high-level output
CL = 150 pF, See Figure 8-3
150
ns
tPHL
Propagation delay time, high- to low-level output
CL = 150 pF, See Figure 8-3
150
ns
ten
Output enable time
CL = 150 pF, RL = 3 kΩ, See Figure 8-4
200
ns
tdis
Output disable time
CL = 150 pF, RL = 3 kΩ, See Figure 8-4
200
ns
tsk(p)
Pulse skew(3)
See Figure 8-3
50
ns
(1)
Test conditions are C1–C4 = 0.1 μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
(3)
Pulse skew is defined as |tPLH - tPHL| of each channel of the same device.
SN65C3221E, SN75C3221E
SLLS694C – NOVEMBER 2005 – REVISED JULY 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: SN65C3221E SN75C3221E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com