công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN75C3222 bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện SN75C3222
Giải thích chi tiết về linh kiện  3-V to 5.5-V Single-channel RS-232 1-Mbits Line Driver and Receiver with ±15-kV IEC ESD Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SN75C3222 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  SN75C3222 Datasheet HTML 1Page - Texas Instruments SN75C3222 Datasheet HTML 2Page - Texas Instruments SN75C3222 Datasheet HTML 3Page - Texas Instruments SN75C3222 Datasheet HTML 4Page - Texas Instruments SN75C3222 Datasheet HTML 5Page - Texas Instruments SN75C3222 Datasheet HTML 6Page - Texas Instruments SN75C3222 Datasheet HTML 7Page - Texas Instruments SN75C3222 Datasheet HTML 8Page - Texas Instruments SN75C3222 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted) (1)
MIN
MAX
UNIT
VCC
Supply voltage range(2)
–0.3
6
V
V+
Positive output supply voltage range(2)
–0.3
7
V
V–
Negative output supply voltage range(2)
0.3
–7
V
V+ – V– Supply voltage difference(2)
13
V
VI
Input voltage range
Driver ( FORCEOFF, FORCEON, EN)
–0.3
6
V
Receiver
–25
25
VO
Output voltage range
Driver
–13.2
13.2
V
Receiver ( INVALID)
–0.3
VCC + 0.3
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to network GND.
7.2 ESD Ratings
VALUE
UNIT
V (ESD)
Electrostatic discharge
Human-body model (HBM), per
ANSI/ESDA/JEDEC JS-001(1)
DOUT, RIN
±15000
V
All other pins
±3000
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 ESD Ratings - IEC Specifications
VALUE
UNIT
V (ESD)
Electrostatic discharge
IEC 61000-4-2 Contact Discharge (1) RIN and DOUT pins only
±8000
V
IEC 61000-4-2 Air Discharge (1)
RIN and DOUT pins only
±15000
(1)
For the PW package of SN65C3221E only, a minimum of 1-µF capacitor is required between VCC and GND to meet the specified
IEC-ESD level.
www.ti.com
SN65C3221E, SN75C3221E
SLLS694C – NOVEMBER 2005 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN65C3221E SN75C3221E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com