công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN75C3222 bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện SN75C3222
Giải thích chi tiết về linh kiện  3-V to 5.5-V Single-channel RS-232 1-Mbits Line Driver and Receiver with ±15-kV IEC ESD Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SN75C3222 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  SN75C3222 Datasheet HTML 1Page - Texas Instruments SN75C3222 Datasheet HTML 2Page - Texas Instruments SN75C3222 Datasheet HTML 3Page - Texas Instruments SN75C3222 Datasheet HTML 4Page - Texas Instruments SN75C3222 Datasheet HTML 5Page - Texas Instruments SN75C3222 Datasheet HTML 6Page - Texas Instruments SN75C3222 Datasheet HTML 7Page - Texas Instruments SN75C3222 Datasheet HTML 8Page - Texas Instruments SN75C3222 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
5 Device Comparison Table
Table 5-1. 1-Mbit/s RS-232 Parts
PART
NO.
TEMPERATURE
RANGE
DRIVER
NO.
RECEIVER
NO.
ESD
SUPPLY
VCC
(V)
FEATURE
PIN/PACKAGE
SN65C3221E
–40°C to 85°C
1
1
±15-kV Air-Gap,
±8-kV Contact,
±15-kV HBM
3.3 or 5
Auto powerdown
16-pin SOIC,
SSOP, TSSOP
SN65C3232E
2
2
±15-kV Air-Gap,
±8-kV Contact,
±15-kV HBM
3.3 or 5
Low pin count
16-pin SOIC,
SSOP, TSSOP
MAX3227I
1
1
±8-kV Air-Gap,
±8-k V Contact,
±15-kV HBM
3.3 or 5
Auto powerdown plus,
ready signal
16-pin SSOP
SN65C3221
1
1
±15-kV HBM
3.3 or 5
Auto powerdown
16-pin SOIC,
SSOP, TSSOP
SN65C3223
2
2
±15-kV HBM
3.3 or 5
Auto powerdown,
enable signal
20-pin SOIC,
SSOP, TSSOP
SN65C3222
2
2
±15-kV HBM
3.3 or 5
Enable,
powerdown signal
20-pin SOIC,
SSOP, TSSOP
SN65C3232
2
2
±15-kV HBM
3.3 or 5
Low pin count
16-pin SOIC,
SSOP, TSSOP
SN65C3238
5
3
±15-kV HBM
3.3 or 5
Auto powerdown plus
28-pin SOIC,
SSOP, TSSOP
SN65C3243
3
5
±15-kV HBM
3.3 or 5
Auto powerdown
28-pin SOIC,
SSOP, TSSOP
SN75C3221E
0°C to 70°C
1
1
±15-kV Air-Gap,
±8-kV Contact,
±15-kV HBM
3.3 or 5
Auto powerdown
16-pin SOIC,
SSOP, TSSOP
SN75C3232E
2
2
±15-kV Air-Gap,
±8-kV Contact,
±15-kV HBM
3.3 or 5
Low pin count
16-pin SOIC,
SSOP, TSSOP
MAX3227C
1
1
±8-kV Air-Gap,
±8-kV Contact,
±15-kV HBM
3.3 or 5
Auto powerdown plus,
ready signal
16-pin SSOP
SN75C3221
1
1
±15-kV HBM
3.3 or 5
Auto powerdown
16-pin SOIC,
SSOP, TSSOP
SN75C3223
2
2
±15-kV HBM
3.5 or 5
Auto powerdown,
enable signal
20-pin SOIC,
SSOP, TSSOP
SN75C3222
2
2
±15-kV HBM
3.3 or 5
Enable,
powerdown signal
20-pin SOIC,
SSOP, TSSOP
SN75C3232
2
2
±15-kV HBM
3.3 or 5
Low pin count
16-pin SOIC,
SSOP, TSSOP
SN75C3238
5
3
±15-kV HBM
3.3 or 5
Auto powerdown plus
28-pin SOIC,
SSOP, TSSOP
SN75C3243
3
5
±15-kV HBM
3.3 or 5
Auto powerdown
28-pin SOIC,
SSOP, TSSOP
www.ti.com
SN65C3221E, SN75C3221E
SLLS694C – NOVEMBER 2005 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN65C3221E SN75C3221E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com