công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM8328TMX/NOPB bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện LM8328TMX/NOPB
Giải thích chi tiết về linh kiện  LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM8328TMX/NOPB bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM8328TMX/NOPB Datasheet HTML 1Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 2Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 3Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 4Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 5Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 6Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 7Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 8Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
LM8328
www.ti.com
SNLS328A – AUGUST 2011 – REVISED MARCH 2013
LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and
ACCESS.bus Host Interface
Check for Samples: LM8328
1
FEATURES
–
Configuration of General Purpose I/O Ports
–
Various Initialization Options (Keypad Size,
2
•
KEY FEATURES
etc.)
–
Internal RC Oscillator, No External Clock
•
KEY DEVICE FEATURES
Required
–
1.8V ± 10% Single-supply Operation
–
Internal PWM Clock Generation, No
External Clock Required
–
On-chip Power-on Reset (POR)
–
External Reset for System Control
–
Watchdog Timer
–
Programmable I2C-compatible ACCESS.bus
–
−40°C to +85°C Temperature Range
Address (Default 0x88)
–
25-pin DSBGA Package
–
Support for Keypad Matrices of up to of 8 x
12 Keys, Plus 8 Special Function (SF) Keys,
APPLICATIONS:
for a Full 104 Key Support
•
Cordless Phones
–
I2C-compatible ACCESS.bus Slave Interface
•
Smart Handheld Devices
at 100 kHz (Standard-Mode) and 400 kHz
•
Keyboard Applications
(Fast-Mode)
–
Three Host-programmable PWM Outputs
DESCRIPTION
for Smooth LED Brightness Modulation
The
LM8328
GenI/O
-
Expander
and
Keypad
–
Supports General-purpose I/O Expansion
Controller is a dedicated device to unburden a host
on Pins Not Otherwise Used for Keypad or
processor from scanning a matrix-addressed keypad
PWM Output
and to provide flexible and general purpose, host
programmable
input/output
functions.
Three
–
15 byte Key Event Buffer
independent PWM timer outputs are provided for
–
Multiple Key Event Storage
dynamic LED brightness modulation.
–
Key Events, Errors, and Dedicated
It communicates with a host processor through an
Hardware Interrupts Request Host Service
I2C-compatible ACCESS.bus serial interface. It can
by Asserting an IRQ Output
communicate in Standard (100 kHz) - and Fast-Mode
–
Automatic HALT Mode for Low Power
(400 kHz) in slave Mode only.
Operation
All available input/output pins can alternately be used
–
Wake-up from HALT Mode on Any Interface
as an input or an output in a keypad matrix or as a
(Rising Edge, Falling Edge or Pulse)
host programmable general purpose input or output.
–
Three PWM Outputs with Dedicated Script
Any pin programmed as an input can also sense
Buffer for up to 32 Commands
hardware interrupts. The interrupt polarity (“high to
–
Register-based Command Interpreter with
low”
or
“low
to
high”
transition)
is
thereby
Auto Increment Address
programmable.
•
HOST-CONTROLLED FEATURES
The LM8328 follows a predefined register based set
of
commands.
Upon
start-up
(power
-
on)
a
–
Reset Input for System Control
configuration file must be sent from the host to setup
–
PWM Scripting for Three PWM Outputs
the hardware of the device.
–
Period of Inactivity that Triggers Entry into
HALT Mode
–
Debounce Time for Reliable Key Event
Polling
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM8328TMX/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM8328TMX/NOPB TI1-LM8328TMX/NOPB Datasheet
1Mb / 56P
LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
More results

Mô tả tương tự - LM8328TMX/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM8333 NSC-LM8333_07 Datasheet
620Kb / 18P
Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8322 NSC-LM8322 Datasheet
897Kb / 42P
Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
logo
Texas Instruments
LM8323 TI1-LM8323 Datasheet
597Kb / 46P
LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8325-1 TI1-LM8325-1 Datasheet
674Kb / 60P
LM8325-1 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8327 TI1-LM8327 Datasheet
740Kb / 72P
LM8327 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8328 TI1-LM8328 Datasheet
666Kb / 60P
LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8323 TI1-LM8323_14 Datasheet
1Mb / 47P
LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8325-1 TI1-LM8325-1_13 Datasheet
1Mb / 57P
LM8325-1 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8327 TI1-LM8327_14 Datasheet
1Mb / 65P
LM8327 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8328 TI1-LM8328_16 Datasheet
1Mb / 56P
LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com