công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM8328TMX/NOPB bảng dữ liệu(PDF) 24 Page - Texas Instruments

tên linh kiện LM8328TMX/NOPB
Giải thích chi tiết về linh kiện  LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM8328TMX/NOPB bảng dữ liệu(HTML) 24 Page - Texas Instruments

Back Button LM8328TMX/NOPB Datasheet HTML 20Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 21Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 22Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 23Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 24Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 25Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 26Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 27Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
LM8328
SNLS328A – AUGUST 2011 – REVISED MARCH 2013
www.ti.com
TIMIC - PWM Timer Interrupt Clear Register
Table 35. TIMIC - PWM Timer Interrupt Clear Register
Register - Name
Address
Type
Register Function
This register clears timer and pattern interrupts.
CYCIRQ - Interrupt from the timers when PWM cycle is complete (applies
to the current PWM command residing in the active command register of a
TIMIC
0x7C
W
PWM block).
CDIRQ - Interrupt from the pattern generator when PWM pattern code is
complete (applies to a completed task residing in the script buffer of a
PWM block)
Bit - Name
Bit
Default
Bit Function
(reserved)
7:6
(reserved)
Clears interrupt CDIRQ timer2.
CDIRQ2
5
0: no effect
1: interrupt is cleared. Does not need to be written back to 0
Clears interrupt CDIRQ timer1.
CDIRQ1
4
0: no effect
1: interrupt is cleared. Does not need to be written back to 0
Clears interrupt CDIRQ timer0.
CDIRQ0
3
0: no effect
1: interrupt is cleared. Does not need to be written back to 0
Clears interrupt CYCIRQ timer2.
CYCIRQ2
2
0: no effect
1: interrupt is cleared. Does not need to be written back to 0
Clears interrupt CYCIRQ timer1.
CYCIRQ1
1
0: no effect
1: interrupt is cleared. Does not need to be written back to 0
Clears interrupt CYCIRQ timer0.
CYCIRQ0
0
0: no effect
1: interrupt is cleared. Does not need to be written back to 0
PWMWP - PWM Timer Pattern Pointer Register
Table 36. PWMWP - PWM Timer Pattern Pointer Register
Register - Name
Address
Type
Register Function
Pointer to the pattern position inside the configuration register, which will
be overwritten by the next write access to be PWMCFG register.
PWMWP
0x7D
R/W
NOTE: 1 pattern consist of 2 bytes and not the byte position (low or high).
It is incremented by 1 every time a full PWMCFG register access (word) is
performed.
Bit - Name
Bit
Default
Bit Function
(reserved)
7
0x0
(reserved)
0
≤ POINTER < 32 : timer0 patterns 0 to 31
32
≤ POINTER < 64 : timer1 patterns 0 to 31
POINTER[6:0]
6:0
0x0
64
≤ POINTER < 96 : timer2 patterns 0 to 31
96
≤ POINTER < 128: not valid
24
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM8328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com