công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM8328TMX/NOPB bảng dữ liệu(PDF) 13 Page - Texas Instruments

tên linh kiện LM8328TMX/NOPB
Giải thích chi tiết về linh kiện  LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM8328TMX/NOPB bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button LM8328TMX/NOPB Datasheet HTML 9Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 10Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 11Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 12Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 13Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 14Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 15Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 16Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
LM8328
www.ti.com
SNLS328A – AUGUST 2011 – REVISED MARCH 2013
Figure 9. Example Keyscan Operation for 2 Key Press Events
and 1 Key Release Event
PWM TIMER
The LM8328 supports a timer module dedicated to smooth LED control techniques (lighting controls).
The PWM timer module consists of three independent timer units of which each can generate a PWM output with
a fixed period and automatically incrementing or decrementing variable duty cycle. The timer units are all clocked
with a slow (32.768 kHz) clock whereas the interface operates with the main system clock.
OVERVIEW OF PWM FEATURES
•
Each PWM can establish fixed — or variable — duty-cycle signal sequences on its output.
•
Each PWM can trigger execution of any pre-programmed task on another PWM channel.
•
The execution of any pre-programmed task is self-sustaining and does not require further interaction from the
host.
•
64-byte script buffer for each PWM for up to 32 consecutive instructions.
•
Direct addressing within script buffer to support multiple PWM tasks in one buffer.
OVERVIEW ON PWM SCRIPT COMMANDS
The commands listed in Table 5 are dedicated to the slow PWM timers.
NOTE
The PWM Script commands are not part of the command set supported by the LM8328
command interpreter. These commands must be transferred from the host with help of the
register-based command set.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM8328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com