công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM8328TMX/NOPB bảng dữ liệu(PDF) 14 Page - Texas Instruments

tên linh kiện LM8328TMX/NOPB
Giải thích chi tiết về linh kiện  LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM8328TMX/NOPB bảng dữ liệu(HTML) 14 Page - Texas Instruments

Back Button LM8328TMX/NOPB Datasheet HTML 10Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 11Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 12Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 13Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 14Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 15Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 16Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 17Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
LM8328
SNLS328A – AUGUST 2011 – REVISED MARCH 2013
www.ti.com
Table 5. PWM Script Commands
Command
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RAMP
0
PRESCALE
STEPTIME
SIGN
INCREMENT
SET_PWM
0
1
0
PWMVALUE
GO_TO_
0
START
BRANCH
1
0
1
LOOPCOUNT
ADDR
STEPNUMBER
END
1
1
0
1
INT
X
TRIGGER
1
1
1
WAITTRIGGER
SENDTRIGGER
0
RAMP COMMAND
A RAMP command will vary the duty cycle of a PWM output in either direction (up or down). The INCREMENT
field specifies the amount of steps for the RAMP. The maximum amount of steps which can be executed with
one RAMP Command is 126 which is equivalent to 50%. The SIGN bit field determines the direction of a RAMP
(up or down). The STEPTIME field and the PRESCALE bit determine the duration of one step. Based on a
32.768 kHz clock, the minimum time resulting from these options would be 0.49 milliseconds and the maximum
time for one step would be 1 second.
Table 6. RAMP Command Bit and Building Fields
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
PRESCALE
STEPTIME
SIGN
INCREMENT
Table 7. Description of Bit and Building Fields of the RAMP Command
Bit or Field
Value
Description
0
Divide the 32.768 kHz clock by 16
PRESCALE
1
Divide the 32.768 kHz clock by 512
STEPTIME
1 - 63
Number of prescaled clock cycles per step
0
Increment ramp counter
SIGN
1
Decrement ramp counter
Number of steps executed by this instruction; a value of 0 functions as a WAIT
INCREMENT
0 - 126
determined by STEPTIME.
SET_PWM COMMAND
The SET_PWM command will set the starting duty cycle MIN SCALE or FULL SCALE (0% or 100%). A RAMP
command following the SET_PWM command will finally establish the desired duty cycle on the PWM output.
Table 8. SET_PWM Command Bit and Building Fields
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
1
0
0
0
0
0
0
DUTYCYCLE
Table 9. Description of Bit and Building Fields of the SET_PWM Command
Bit or Field
Value
Description
0
Duty cycle is 0%.
DUTYCYCLE
255
Duty cycle is 100%.
GO_TO_START COMMAND
The GO_TO_START command jumps to the first command in the script command file.
14
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM8328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com