| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM8328TMX/NOPB bảng dữ liệu(PDF) 34 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM8328TMX/NOPB bảng dữ liệu(HTML) 34 Page - Texas Instruments |
|
34 / 56 page ![]() LM8328 SNLS328A – AUGUST 2011 – REVISED MARCH 2013 www.ti.com Table 60. GPIOPDATA0 - GPIO Data Register 0 (continued) Register - Name Address Type Register Function Mask Status for KPX4 when enabled as GPIO MASK4 12 0x0 1: KPX4 enabled 0: KPX4 disabled Mask Status for KPX3 when enabled as GPIO MASK3 11 0x0 1: KPX3 enabled 0: KPX3 disabled Mask Status for KPX2 when enabled as GPIO MASK2 10 0x0 1: KPX2 enabled 0: KPX2 disabled Mask Status for KPX1 when enabled as GPIO MASK1 9 0x0 1: KPX1 enabled 0: KPX1 disabled Mask Status for KPX0 when enabled as GPIO MASK0 8 0x0 1: KPX0 enabled 0: KPX0 disabled DATA7 7 0x0 Pin Status for KPX7 when enabled as GPIO DATA6 6 0x0 Pin Status for KPX6 when enabled as GPIO DATA5 5 0x0 Pin Status for KPX5 when enabled as GPIO DATA4 4 0x0 Pin Status for KPX4 when enabled as GPIO DATA3 3 0x0 Pin Status for KPX3 when enabled as GPIO DATA2 2 0x0 Pin Status for KPX2 when enabled as GPIO DATA1 1 0x0 Pin Status for KPX1 when enabled as GPIO DATA0 0 0x0 Pin Status for KPX0 when enabled as GPIO GPIOPDATA1 - GPIO Data Register 1 Table 61. GPIOPDATA1 - GPIO Data Register 1 Register - Name Address Type Register Function This register is used for data input/output of KPY[7:0]. Every data I/O is masked with the associated MASK register. If one of the I/Os is defined as output (see Table 64) values written to this GPIODATA1 0xC2 R/W register are masked with MASK and then applied to the associated pin. If one of the I/Os is defined as input (see Table 64) values read from this register hold the masked input value of the associated pin. Bit - Name Bit Default Bit Function Mask Status for KPY7 when enabled as GPIO MASK15 15 0x0 1: KPY7 enabled 0: KPY7 disabled Mask Status for KPY6 when enabled as GPIO MASK14 14 0x0 1: KPY6 enabled 0: KPY6 disabled Mask Status for KPY5 when enabled as GPIO MASK13 13 0x0 1: KPY5 enabled 0: KPY5 disabled Mask Status for KPY4 when enabled as GPIO MASK12 12 0x0 1: KPY4 enabled 0: KPY4 disabled 34 Submit Documentation Feedback Copyright © 2011–2013, Texas Instruments Incorporated Product Folder Links: LM8328 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |