công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM5056APMHX/NOPB bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện LM5056APMHX/NOPB
Giải thích chi tiết về linh kiện  High-Voltage System Power Management Device with PMBus™
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM5056APMHX/NOPB bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM5056APMHX/NOPB Datasheet HTML 1Page - Texas Instruments LM5056APMHX/NOPB Datasheet HTML 2Page - Texas Instruments LM5056APMHX/NOPB Datasheet HTML 3Page - Texas Instruments LM5056APMHX/NOPB Datasheet HTML 4Page - Texas Instruments LM5056APMHX/NOPB Datasheet HTML 5Page - Texas Instruments LM5056APMHX/NOPB Datasheet HTML 6Page - Texas Instruments LM5056APMHX/NOPB Datasheet HTML 7Page - Texas Instruments LM5056APMHX/NOPB Datasheet HTML 8Page - Texas Instruments LM5056APMHX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
LM5056, LM5056A
www.ti.com
SNVS827A – OCTOBER 2012 – REVISED APRIL 2013
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VIN, VIN_K, SENSE, OUT to AGND/DGND
-0.3 to 100
SMBA, SCL, SDAI, SDAO, CL, ADR0, ADR1, ADR2, VDD, VAUX, DIODE to AGND/DGND
-0.3 to 6.0
V
VIN to VIN_K, AGND to DGND
-0.3 to 0.3
VIN_K to SENSE
-3.0 to 3.0
HBM
Human body model ESD rating(2)
2.0
kV
TSTG
Storage temperature
-65 to 150
°C
TJ
Junction temperature
150
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and conditions
see Electrical Characteristics Table.
(2)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
NOM
MAX
UNIT
VIN, VIN_K,SENSE, OUT
10
80
VDD
4.5
5.0
5.5
V
VAUX
0
2.97
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and conditions
see the Electrical Characteristics Table.
THERMAL INFORMATION
LM5056
THERMAL METRIC(1)
PWP
UNITS
28 PINS
θJA
Junction-to-ambient thermal resistance(2)
35.6
θJCtop
Junction-to-case (top) thermal resistance(3)
19.9
θJB
Junction-to-board thermal resistance(4)
16.8
°C/W
ψJT
Junction-to-top characterization parameter(5)
0.5
ψJB
Junction-to-board characterization parameter(6)
16.7
θJCbot
Junction-to-case (bottom) thermal resistance(7)
2.9
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Spacer
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5056 LM5056A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com