công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM5056APMHX/NOPB bảng dữ liệu(PDF) 13 Page - Texas Instruments

tên linh kiện LM5056APMHX/NOPB
Giải thích chi tiết về linh kiện  High-Voltage System Power Management Device with PMBus™
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM5056APMHX/NOPB bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button LM5056APMHX/NOPB Datasheet HTML 9Page - Texas Instruments LM5056APMHX/NOPB Datasheet HTML 10Page - Texas Instruments LM5056APMHX/NOPB Datasheet HTML 11Page - Texas Instruments LM5056APMHX/NOPB Datasheet HTML 12Page - Texas Instruments LM5056APMHX/NOPB Datasheet HTML 13Page - Texas Instruments LM5056APMHX/NOPB Datasheet HTML 14Page - Texas Instruments LM5056APMHX/NOPB Datasheet HTML 15Page - Texas Instruments LM5056APMHX/NOPB Datasheet HTML 16Page - Texas Instruments LM5056APMHX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
SENSE
RESISTOR
RS
VIN_K
SENSE
FROM SYSTEM
INPUT VOLTAGE
HIGH CURRENT PATH
VIN
TO LOAD
SENSE
RESISTOR
RS
VIN_K
SENSE
FROM SYSTEM
INPUT VOLTAGE
TO LOAD
HIGH CURRENT PATH
VIN
LM5056, LM5056A
www.ti.com
SNVS827A – OCTOBER 2012 – REVISED APRIL 2013
Figure 14. Sense Resistor Connections, Edge Sensed
If the PCB layout and resistor pads allow for it, the connection shown in Figure 15 gives optimal kelvin sensing
performance.
Figure 15. Sense Resistor Connections, Centered Sensed
CVIN, CD, CVREF, CS, and CVDD
Using ceramic bypass capacitors can improve performance in noise heavy environments. Not every pin of the
LM5056/LM5056A is the same when it comes to placing bypass capacitors.
•
CVIN: This capacitor is not required but can improve VIN telemetry performance in noisy situations. Typical
values for the VIN bypass capacitor can range from 1 nF to 100 nF to effectivly reduce input noise. The
voltage on CVIN is high, so a 100 V or higher voltage capacitor will work.
•
CD:The CD capacitor is recommended if the diode is placed far from the LM5056/LM5056A DIODE pin. Too
large of a capacitance will corrupt the voltage waveform across the diode used to measure the absolute
temperature. A typical value of capacitance for CD is 1 nF. The voltage on CD is low, so a 6.3 V or higher
voltage capacitor will work.
•
CVREF: CVREF is required since it is placed on the output of the internal votlage reference. This capacitor
should be a 1
μF ceramic. The voltage on CVREF is low, so a 6.3 V or higher voltage capacitor will work.
•
CS: The current sense amplifier is designed to amplifiy small voltages. Using a bypass capacitor across the
current sense amplifier input pins (VIN_K and SENSE) will facilitate accurate current telemetry. Functional
values of CS can range from 10 nF to 1 μF. The voltage on CS is low, so a 6.3 V or higher voltage capacitor
will work.
•
CVDD: CVDD is required because it provides bypassing from the 5.0 V rail for the internal digital circuitry. This
capacitor should be a 1-
μF ceramic. The voltage on CVDD is low, so a 6.3 V or higher voltage capacitor will
work.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5056 LM5056A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com