công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM1770TMFX/NOPB bảng dữ liệu(PDF) 12 Page - Texas Instruments

tên linh kiện LM1770TMFX/NOPB
Giải thích chi tiết về linh kiện  LM1770 Low-Voltage SOT-23 Synchronous Buck Controller With No External Compensation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM1770TMFX/NOPB bảng dữ liệu(HTML) 12 Page - Texas Instruments

Back Button LM1770TMFX/NOPB Datasheet HTML 8Page - Texas Instruments LM1770TMFX/NOPB Datasheet HTML 9Page - Texas Instruments LM1770TMFX/NOPB Datasheet HTML 10Page - Texas Instruments LM1770TMFX/NOPB Datasheet HTML 11Page - Texas Instruments LM1770TMFX/NOPB Datasheet HTML 12Page - Texas Instruments LM1770TMFX/NOPB Datasheet HTML 13Page - Texas Instruments LM1770TMFX/NOPB Datasheet HTML 14Page - Texas Instruments LM1770TMFX/NOPB Datasheet HTML 15Page - Texas Instruments LM1770TMFX/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
FB
VIN
VIN
LM1770
VOUT
HG
LG
GND
COUT
Q1
CIN
Q2
RFB1
RFB2
CFF
L1
RSNS
RESR
t
E x tP
8 x C
H =
VFB
VOUT
0.8V
VOUT
=
LM1770
SNVS403C – SEPTEMBER 2005 – REVISED APRIL 2013
www.ti.com
The other features of the inductor that can be selected besides inductance value are saturation current and core
material. Because the LM1770 does not have a current limit, it is recommended to have a saturation current
higher than the maximum output current to handle any ripple or momentary over-current events. The core
material also influences the saturation characteristics as ferrite materials have a hard saturation curve and care
should be taken such that they never saturate during normal use. A shielded inductor or low profile unshielded
inductor is recommended to reduce EMI. This also helps prevent any spurious noise from picking up on the
feedback node resulting in unexpected tripping of the feedback comparator.
OUTPUT CAPACITOR
One of the most important components to select with the LM1770 is the output capacitor. This is because its size
and ESR have a direct effect on the stability of the loop. A constant on-time control scheme works by sensing the
output voltage ripple and switching the FETs appropriately. The output voltage ripple on a buck converter can be
approximated by stating that the AC inductor ripple flows entirely into the output capacitor and is created by the
ESR of the capacitor. This can be expressed in the following equation:
ΔVOUT = ΔIL x RESR
(12)
To ensure stability, two constraints need to be met. The first is that there is sufficient ESR to create enough
voltage ripple at the feedback pin. The recommendation is to have at least 10mV of ripple seen at the feedback
pin. This can be calculated by multiplying the output voltage ripple by the gain seen through the feedback
resistors. This gain, H, can be calculated below:
(13)
If the output voltage is fairly high, causing significant attenuation through the feedback resistors, a feed-forward
capacitor can be used. This is actually recommended for most circuits as it improves performance. See the
Feed-Forward Capacitor section for more details.
The second criteria is to ensure that there is sufficient ripple at the output that is in-phase with the switch. The
problem exists that there is actually ripple caused by the capacitor charging and discharging, not only the ESR
ripple. Since these are effectively out of phase, problems can exist. To avoid this issue it is recommended that
the ratio of the two ripples (
β) is always greater than 5. To calculate the minimum ESR value needed, the
following equation can be used.
(14)
In general the best capacitors to use are chemistries that have a known and consistent ESR across the entire
operating temperature range. Tantalum capacitors or similar chemistries such as Niobium Oxide perform well
along with certain families of Aluminum Electrolytics. Small value POSCAPs and SP CAPs also work as they
have sufficient ESR. When used in conjunction with a low value inductor it is possible to have an extremely
stable design. The only capacitors that require modification to the circuit are ceramic capacitors. Ceramic
capacitors cause problems meeting both criteria because they have low ESR and low capacitance. Therefore, if
they are to be used, an external ESR resistor (RSNS) should be added. This can be seen below in the following
circuit.
12
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM1770



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com