công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM1770TMFX/NOPB bảng dữ liệu(PDF) 14 Page - Texas Instruments

tên linh kiện LM1770TMFX/NOPB
Giải thích chi tiết về linh kiện  LM1770 Low-Voltage SOT-23 Synchronous Buck Controller With No External Compensation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM1770TMFX/NOPB bảng dữ liệu(HTML) 14 Page - Texas Instruments

Back Button LM1770TMFX/NOPB Datasheet HTML 10Page - Texas Instruments LM1770TMFX/NOPB Datasheet HTML 11Page - Texas Instruments LM1770TMFX/NOPB Datasheet HTML 12Page - Texas Instruments LM1770TMFX/NOPB Datasheet HTML 13Page - Texas Instruments LM1770TMFX/NOPB Datasheet HTML 14Page - Texas Instruments LM1770TMFX/NOPB Datasheet HTML 15Page - Texas Instruments LM1770TMFX/NOPB Datasheet HTML 16Page - Texas Instruments LM1770TMFX/NOPB Datasheet HTML 17Page - Texas Instruments LM1770TMFX/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
LM1770
SNVS403C – SEPTEMBER 2005 – REVISED APRIL 2013
www.ti.com
MOSFET Selection
The two FETs used in the LM1770 requires attention to selection of parameters to ensure optimal performance of
the power supply. The high side FET should be a PFET and the low side an NFET. These can be integrated in
one package or as two separate packages. The criteria that matter in selection are listed below:
VDS VOLTAGE RATING
The first selection criteria is to select FETs that have sufficient VDS voltage ratings to handle the maximum
voltage seen at the input plus any transient spikes that can occur from parasitic ringing. In general most FETs
available for this application will have ratings from 8V to 20V. If a larger voltage rating is used then the
performance will most likely be degraded because of higher gate capacitance.
RDSON
The RDS(ON) specification is important as it determines several attributes of the FET and the overall power supply.
The first is that it sets the maximum current of the FET for a given package. A lower RDS(ON) will permit a higher
allowable current and reduce conduction losses, however, it will increase the gate capacitance and the switching
losses.
GATE DRIVE
The next step is to ensure that the FETs are capable of switching at the low Vin supplies used by the LM1770.
The FET should have the Rdson specified at either 1.8V or 2.5V to ensure that it can switch effectively as soon
as the LM1770 starts up.
GATE CHARGE
Because the LM1770 utilizes a fixed dead-time scheme to prevent cross conduction, the FET transitions must
occur in this time. The rise and fall time of the FETs gate can be influenced by several factors including the gate
capacitance. Therefore the total gate charge of both FETs should be limited to less than 20nC at 4.5V VGS. The
lower the number the faster the FETs should switch and the better the efficiency.
RISE / FALL TIMES
A better indication of the actual switching times of the FETs can be found in their Electrical Characteristics table.
The rise and fall time should be specified and selected to be at a minimum. This helps improve efficiency and
ensuring that shoot through does not occur.
GATE CHARGE RATIO
Another consideration in selecting the FETs is to pay attention to the Qgd / Qgs ratio. The reason for this is that
proper selection can prevent spurious turn on. If we look at the NFET for example, when the FET is turning off,
the gate signal will pull to ground. Conversely the PFET will be turning on, causing the SW node to rise towards
VIN. The gate to drain capacitance of the NFET couples the SW node to the gate and will cause it to rise. If this
voltage is excessive, then it could weakly turn on the low side FET causing an efficiency loss. However, this
coupling is mitigated by having a large gate to source capacitance of the FET, which helps to hold the gate
voltage down. Ideally, a very low Qgd / Qgs would be ideal, but in practice it is common to find the number
around 1. As a general rule, the lower the ratio, the better.
If the above selection criteria have been met it is useful to generate a figure of merit to allow comparison
between the FETs. One such method is to multiply the RDS(ON) of the FET by the total gate charge. This allows
an easy comparison of the different FETs available. Once again, the lower the product, the better.
FEEDBACK RESISTORS
The feedback resistors are used to scale the output voltage to the internal reference value such that the loop can
be regulated. The feedback resistors should not be made arbitrarily large as this creates a high impedance node
at the feedback pin that is more susceptible to noise. A combined value of 50k
Ω for the two resistors is
adequate. To calculate the resistor values use the equation below. Typically the low side resistor is initially set to
a pre-determined value such as 10 k
Ω.
14
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM1770



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com