công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM1770TMFX/NOPB bảng dữ liệu(PDF) 16 Page - Texas Instruments

tên linh kiện LM1770TMFX/NOPB
Giải thích chi tiết về linh kiện  LM1770 Low-Voltage SOT-23 Synchronous Buck Controller With No External Compensation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM1770TMFX/NOPB bảng dữ liệu(HTML) 16 Page - Texas Instruments

Back Button LM1770TMFX/NOPB Datasheet HTML 12Page - Texas Instruments LM1770TMFX/NOPB Datasheet HTML 13Page - Texas Instruments LM1770TMFX/NOPB Datasheet HTML 14Page - Texas Instruments LM1770TMFX/NOPB Datasheet HTML 15Page - Texas Instruments LM1770TMFX/NOPB Datasheet HTML 16Page - Texas Instruments LM1770TMFX/NOPB Datasheet HTML 17Page - Texas Instruments LM1770TMFX/NOPB Datasheet HTML 18Page - Texas Instruments LM1770TMFX/NOPB Datasheet HTML 19Page - Texas Instruments LM1770TMFX/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
K =
POUT
POUT + PLOSSES
LM1770
SNVS403C – SEPTEMBER 2005 – REVISED APRIL 2013
www.ti.com
TRANSITIONAL LOSS
The last FET power loss is the transitional loss. This is caused by switching the PMOS while it is conducting
current. This approach only models the PMOS transition, the NMOS loss is considered negligible because it has
minimal drain to source voltage when it switches due to the conduction of the body diode. Therefore the
transitional loss of the PMOS can be modeled by:
PP_TRANSITIONAL = 0.5 x VIN x IOUT x fSW x (tr + tf)
(24)
tr and tf are the rise and fall times of the FET and can be found in their corresponding datasheet. Typically these
numbers are simulated using a 6
Ω drive, which corresponds well to the LM1770. Given this, no adjustment is
needed.
DCR LOSS
The last source of power loss in the system that needs to be calculated is the loss associated with the inductor
resistance (DCR) which can be calculated by
PDCR = RDCR x IOUT
2
(25)
EFFICIENCY
The efficiency,
η, can then be calculated by summing all the power losses and then using the equation below:
(26)
Thermals
By breaking down the individual power loss in each component it makes it easy to determine the temperature
rise of each component. Generally the expected temperature rise of the LM1770 is extremely low as it is not in
the power path. Therefore the only two items of concern are the PMOS and the NMOS. The power loss in the
PMOS is the sum of the conduction loss and transitional loss, while the NMOS only has conduction loss. It is
assumed that any loss associated with the body diode conduction during the dead-time is negligible.
For completeness of design it is important to watch out for the temperature rise of the inductor. Assuming the
inductor is kept out of saturation the predominant loss will be the DC copper resistance. At higher frequencies,
depending on the core material, the core loss could approach or exceed the DCR losses. Consult with the
inductor manufacturer for appropriate temp curves based on current.
Layout
The LM1770, like all switching regulators, requires careful attention to layout to ensure optimal performance. The
following steps should be taken to aid in the layout. For more information refer to Application Note AN-1299
SNVA074.
1. Ensure that the ground connections of the input capacitor, output capacitor and NMOS are as close as
possible. Ideally these should all be grounded together in close proximity on the component side of the
board.
2. Keep the switch node small to minimize EMI without degrading thermal cooling of the FETs.
3. Locate the feedback resistors close to the IC and keep the feedback trace as short as possible. Do not run
any feedback traces near the switch node.
4. Keep the gate traces short and keep them away from the switch node as much as possible.
5. If a small bypass capacitor is used on VIN (0.1µF) place it as close to the pin, with the ground connection as
close to the chip ground as possible.
16
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM1770



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com