công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1060 bảng dữ liệu(PDF) 30 Page - Microchip Technology

tên linh kiện 1060
Giải thích chi tiết về linh kiện  Six-channel QTouch® Touch Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

1060 bảng dữ liệu(HTML) 30 Page - Microchip Technology

Back Button 1060 Datasheet HTML 26Page - Microchip Technology 1060 Datasheet HTML 27Page - Microchip Technology 1060 Datasheet HTML 28Page - Microchip Technology 1060 Datasheet HTML 29Page - Microchip Technology 1060 Datasheet HTML 30Page - Microchip Technology 1060 Datasheet HTML 31Page - Microchip Technology 1060 Datasheet HTML 32Page - Microchip Technology 1060 Datasheet HTML 33Page - Microchip Technology 1060 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
30
AT42QT1060 [DATASHEET]
9505H–AT42–04/2015
7.8
Part Number
The part number comprises:
AT = Atmel
42 = Touch Business Unit
QT = Charge-transfer technology
1060 = (1) Keys (06) number of channels (0) variant number
MMU = Package identifier
7.9
Moisture Sensitivity Level (MSL)
Part Number
Description
AT42QT1060-MMU
28-pin 4 x 4 mm QFN RoHS compliant IC
MSL Rating
Peak Body Temperature
Specifications
MSL1
260oC
IPC/JEDEC J-STD-020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35