công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADAQ4216BBCZ bảng dữ liệu(PDF) 45 Page - Analog Devices

tên linh kiện ADAQ4216BBCZ
Giải thích chi tiết về linh kiện  16-Bit, 2MSPS, μModule Data-Acquisition Solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADAQ4216BBCZ bảng dữ liệu(HTML) 45 Page - Analog Devices

Back Button ADAQ4216BBCZ Datasheet HTML 41Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 42Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 43Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 44Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 45Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 46Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 47Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 48Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 63 page
background image
Data Sheet
ADAQ4216
SERIAL INTERFACE
analog.com
Rev. A | 45 of 63
Echo Clock Mode
Figure 107 shows the signal connections for the echo clock mode.
The echo clock mode is enabled by writing 0x1 to the CLK_MD
bit field of the modes register (for more details, see the Modes
Register section). In this mode, the BUSY_SCKOUT pin cannot be
used to detect a conversion completion. The BUSY_SCKOUT pin
becomes a bit clock output and is sourced by looping through the
SCK of the host controller to the BUSY_SCKOUT pin (with some
fixed delay, 5.4ns to 7.9ns, which depends on the voltage of the
VIO pins). To begin retrieving the conversion data in nonaveraging
mode, the host controller must assert CS low no sooner than 300ns
after the rising edge of the CNV pulse. When the ADC is configured
for block averaging mode, the host controller must assert CS low
no sooner than 300ns after the rising edge of the CNV pulse for
the last sample in the block. Example timing diagrams are shown
in the Data Clocking Requirements and Timing section. When echo
clock mode is enabled, the BUSY_SCKOUT pin is aligned with the
SDOx pins transitions, making the data and clock timing insensitive
to asymmetric propagation delays in the paths of the SDOx pins
and SCK pins.
Figure 107. Echo Clock Mode Signal Path Diagram
Host Clock Mode
When enabled, host clock mode uses the internal oscillator as the
bit clock source. The host clock mode is enabled by writing 0x2 to
the CLK_MD bit field of the modes register. The bit clock frequen-
cy can be programmed in the OSC_DIV bit field in the internal
oscillator register, with available divisor values of 1, 2, or 4 (for
more details, see the Internal Oscillator Register section). Figure
108 shows the signal connections for the host clock mode. In this
mode, the BUSY_SCKOUT pin provides the bit clock output and
cannot be used to detect a conversion completion. The ADAQ4216
automatically calculates the number of clock pulses required to
clock out the conversion data based on word size, number of active
lanes, and choice of single-data rate mode or dual-data rate mode.
The number of clock pulses can be read from the OSC_LIMIT
bit field of the internal oscillator register. Note that for a 16-bit
differential data word (the OUT_DATA_MD field = 000 in the Modes
Register), the ADAQ4216 add an additional eight clock pulses for a
total of 24 clock pulses. The 16-bit data word is padded with eight
zero bits. The SCK_IN from the host must not be active. When
retrieving the conversion data in nonaveraging mode, the host must
not assert CS low sooner than 300ns after the rising edge of the
CNV pulse. When the ADC is configured in averaging mode for 2N
averages, the host must not assert CS low sooner than 300ns after
the rising edge of the CNV pulse for the last sample in the block.
Figure 108. Host Clock Mode Signal Path Example
Single-Data Rate Mode
Single-data rate clocking (SDR), in which one bit (per active lane)
is clocked out during a single clock cycle, is supported for all
output configurations and sample formats (see Table 14). The SDR
clocking mode is enabled by default at power-up or can be enabled
by writing 0 to the DDR_MD bit of the modes register (for more
details, see the Modes Register section).
Dual-Data Rate Mode
Dual-data rate (DDR) mode (two data bit transitions per clock cycle
per active lane) is available only for host clock mode and echo
clock mode.
The DDR clocking mode is enabled by writing 1 to the DDR_MD
bit of the modes register (for more details, see the Modes Register
section). The DDR mode uses half the number of SCK pulses to
clock out conversion data in comparison to SDR mode.
1-Lane Output Data Clocking Mode
1-lane is the default output data clocking mode at power-up. The
1-lane output data clocking mode is enabled by writing 0x0 to
the LANE_MD bit of the modes register (for more details, see
the Modes Register section). The active lane is SDO0. Example
timing diagrams for 1-lane mode using SPI clocking mode, echo
clock mode, and host clock mode are shown in the Data Clocking
Requirements and Timing section.
2-Lane Output Data Clocking Mode
When 2-lane output data clocking mode is enabled, the sample
word bits are split between two SDO lanes. Figure 114 shows how
the bits are allocated between the lanes for 2-lane mode. The bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com