công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADAQ4216BBCZ bảng dữ liệu(PDF) 29 Page - Analog Devices

tên linh kiện ADAQ4216BBCZ
Giải thích chi tiết về linh kiện  16-Bit, 2MSPS, μModule Data-Acquisition Solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADAQ4216BBCZ bảng dữ liệu(HTML) 29 Page - Analog Devices

Back Button ADAQ4216BBCZ Datasheet HTML 25Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 26Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 27Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 28Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 29Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 30Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 31Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 32Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
Data Sheet
ADAQ4216
TERMINOLOGY
analog.com
Rev. A | 29 of 63
INTEGRAL NONLINEARITY ERROR (INL)
INL is the deviation of each individual code from a line drawn from
negative full scale through positive full scale. The point used as
negative full scale occurs ½LSB before the first code transition.
Positive full scale is defined as a level 1½LSB beyond the last code
transition. The deviation is measured from the middle of each code
to the true straight line (see Figure 86).
DIFFERENTIAL NONLINEARITY ERROR (DNL)
In an ideal ADC, code transitions are 1LSB apart. DNL is the
maximum deviation from this ideal value. It is often specified in
terms of resolution for which no missing codes are guaranteed.
OFFSET ERROR
Offset error is the difference between the ideal midscale voltage,
0V, and the actual voltage producing the midscale output code,
0LSB.
GAIN ERROR
The first transition (from 100 ... 00 to 100 ... 01) occurs at a level
½LSB above nominal negative full scale. The last transition (from
011 … 10 to 011 … 11) occurs for an analog voltage 1½LSB
below the nominal full scale. The gain error is the deviation of the
difference between the actual level of the last transition and the
actual level of the first transition from the difference between the
ideal levels.
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
SFDR is the difference, in decibel relative to the carrier (dBc), be-
tween the rms amplitude of the input signal and the peak spurious
signal.
EFFECTIVE NUMBER OF BITS (ENOB)
ENOB is a measurement of the resolution with a sine wave input.
It is related to SINAD as follows: ENOB = (SINADdB − 1.76)/6.02.
ENOB is expressed in bits.
TOTAL HARMONIC DISTORTION (THD)
THD is the ratio of the rms sum of the first five harmonic compo-
nents to the rms value of the input signal and is expressed in
decibel relative to the carrier (dBc).
DYNAMIC RANGE
Dynamic range is the rms voltage of a full-scale sine wave to the
total rms voltage of the noise measured. The value for dynamic
range is expressed in decibels. It is measured with a signal at
−60dBFS so that it includes all noise sources and DNL artifacts.
Total System Dynamic Range
The ratio of the root-mean-square (RMS) value of the full scale
input at Gain = 1/3V/V to the input referred RMS noise measured
when input pins are shorted together at Gain = 20/3V/V. The value
is expressed in decibels.
SIGNAL-TO-NOISE RATIO (SNR)
SNR is the ratio of the rms voltage of a full-scale sine wave to
the rms sum of all other spectral components below the Nyquist
frequency, excluding harmonics and DC. The value for SNR is
expressed in decibel relative to full scale (dBFS).
SIGNAL-TO-NOISE-AND-DISTORTION (SINAD)
RATIO
SINAD is the ratio of the rms voltage of a full-scale sine wave to
the rms sum of all other spectral components that are less than
the Nyquist frequency, including harmonics but excluding DC. The
value of SINAD is expressed in decibel relative to full scale (dBFS).
APERTURE DELAY
Aperture delay is the measure of the acquisition performance and
is the time between the rising edge of the CNV input and when the
input signal is held for a conversion.
TRANSIENT RESPONSE
Transient response is the time required for the ADC to acquire a
full-scale input step to ±1LSB accuracy.
COMMON-MODE REJECTION RATIO (CMRR)
CMRR is the ratio of the power in the ADC output at the frequency,
f, to the power of a 4.5Vp-p sine wave applied to the input common-
mode voltage of frequency, f.
CMRR (dB) = 10× log(PADC_IN/PADC_OUT)
where:
PADC_IN is the common-mode power at the frequency, f, applied to
the inputs.
PADC_OUT is the power at the frequency, f, in the ADC output.
POWER-SUPPLY REJECTION RATIO (PSRR)
PSRR is the ratio of the power in the ADC output at the frequency,
f, to the power of a 200mVp-p sine wave applied to the ADC VDD
supply of frequency, f.
PSRR (dB) = 10 × log(PVDD_IN/PADC_OUT)
where:
PVDD_IN is the power at the frequency, f, at the VDD pin.
PADC_OUT is the power at the frequency, f, in the ADC output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com