công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADAQ4216BBCZ bảng dữ liệu(PDF) 44 Page - Analog Devices

tên linh kiện ADAQ4216BBCZ
Giải thích chi tiết về linh kiện  16-Bit, 2MSPS, μModule Data-Acquisition Solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADAQ4216BBCZ bảng dữ liệu(HTML) 44 Page - Analog Devices

Back Button ADAQ4216BBCZ Datasheet HTML 40Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 41Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 42Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 43Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 44Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 45Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 46Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 47Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 63 page
background image
Data Sheet
ADAQ4216
SERIAL INTERFACE
analog.com
Rev. A | 44 of 63
CLOCKING MODES
This section covers the various clocking modes supported by the
ADAQ4216 SPI. These modes are available for 1-lane, 2-lane, and
4-lane. The clocking mode is configured in the modes register (for
register descriptions, see Table 16).
SPI Clocking Mode
SPI clocking mode is the default clocking mode of the ADAQ4216
and is equivalent to a host-sourced bit clock (SCK), in which the
host controller uses its own clock to latch the output data. The
SPI-compatible clocking mode is enabled by writing 0x0 to the
CLK_MD bit field of the modes register (for more details, see the
Modes Register section). The interface connection is shown in
Figure 103. In this mode, the BUSY_SCKOUT pin signal is valid
and indicates the completion of a conversion (high-to-low transition
of the BUSY_SCKOUT pin). A simplified sample cycle is shown in
Figure 106. When not in averaging mode, if the host controller does
not use the BUSY_SCKOUT pin signal to detect the completion
of a conversion and instead uses an internal timer to retrieve the
data, the host controller must wait at least 300ns after the rising
edge of the CNV pulse before asserting CS low. When operating in
block averaging mode, the host controller must assert CS low no
sooner than 300ns after the rising edge of the CNV pulse for the
last sample in the block.
Figure 106. Typical Sample Cycle for SPI Clocking Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com