công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADAQ4216BBCZ bảng dữ liệu(PDF) 32 Page - Analog Devices

tên linh kiện ADAQ4216BBCZ
Giải thích chi tiết về linh kiện  16-Bit, 2MSPS, μModule Data-Acquisition Solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADAQ4216BBCZ bảng dữ liệu(HTML) 32 Page - Analog Devices

Back Button ADAQ4216BBCZ Datasheet HTML 28Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 29Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 30Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 31Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 32Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 33Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 34Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 35Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
Data Sheet
ADAQ4216
THEORY OF OPERATION
analog.com
Rev. A | 32 of 63
Figure 87. Frequency Response Examples for the Block Averaging Filter
Digital Offset Adjust
The ADC can be programmed to add a 16-bit signed offset value to
the sample data (for more details, see the Register Details section).
When adding an offset to the samples, it is possible to cause the
sample data to saturate numerically. The user must take this into
account when using the offset feature. The default value is 0x0000.
For more details, see the Offset Registers section.
Digital Gain
The ADC can be programmed to apply a 16-bit unsigned digital
gain (Register 0x1C and Register 0x1D) to the digital samples (for
more details, see the Register Details section). The gain is applied
to each sample based on the following equation:
CodeOUT = CodeIN × (USER_GAIN/0x8000)
where:
0x0000 ≤ USER_GAIN ≤ 0xFFFF.
The effective gain range is 0 to 1.99997. Note that applying gain to
the samples may cause numerical saturation. The default value is
0x8000 (gain = 1). To measure input voltage differences exceeding
±VREF, set the gain less than the unity to avoid the numerical
saturation of the 16-bit or 30-bit output differential codes. For more
details, see the Gain Registers section.
Test Pattern
To facilitate functional testing and debugging of the SPI, the host
controller can write a 32-bit test pattern to the ADAQ4216 (for more
details, see the Test Pattern Registers section). The value written
to the test pattern registers is output using the normal sample cycle
timing. The 32-bit test pattern output mode is enabled by writing
0x4 to the OUT_DATA_MD bit field of the modes register (for more
details, see the Modes Register section). The default value stored
in the test pattern registers is 0x5A5A0F0F.
Summary of Selectable Output Data Formats
Figure 88 summarizes the output data formats that are available
on the ADAQ4216, which are selected in the modes register (for
more details, see the Modes Register section). Note that the OR
and SYNC flags are each 1-bit.
Figure 88. Summary of Selectable Output Sample Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com