công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32U375CEU6GXXX bảng dữ liệu(PDF) 109 Page - STMicroelectronics

tên linh kiện STM32U375CEU6GXXX
Giải thích chi tiết về linh kiện  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CEU6GXXX bảng dữ liệu(HTML) 109 Page - STMicroelectronics

Back Button STM32U375CEU6GXXX Datasheet HTML 105Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 106Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 107Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 108Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 109Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 110Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 111Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 112Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 222 page
background image
Symbol
Parameter
Typ
Max(3)
Unit
25°C
55°C
85°C
105°C
30°C
55°C
85°C
105°C
IDD (PRAM)
FDCAN and USB
SRAM static
consumption
(PRAMPDS = 1 vs.
PRAMPDS = 0)
µA
0.03
0.05
0.13
0.30
0.12
0.15
0.40
0.90
IDD (PKARAM)
PKA SRAM static
consumption
(PKARAMPDS = 1 vs.
PKARAMPDS = 0)
0.03
0.06
0.20
0.41
0.11
0.18
0.60
1.30
1. SRAM1 total consumption is 2 × IDD (SRAM1_16kB) + 5 × IDD (SRAM1_32kB).
2. SRAM2 total consumption is IDD (SRAM2_32kB) + IDD(SRAM2_24kB) + IDD (SRAM2_8kB).
3. Evaluated by characterization. Not tested in production.
Table 54. Current consumption during wake-up from Stop 2 mode on SMPS
Symbol
Parameter
Conditions
Typ
Unit
VDD
25°C
QDD (wake-up from
Stop 2)
Electrical charge
consumed during
wake-up from Stop 2
mode
Wake-up clock is MSI
48 MHz
3
10
nAs
Wake-up clock is HSI
16 MHz
10
Wake-up clock is MSI
3 MHz
15
Table 55. Current consumption in Stop 3 mode on LDO
Symbol
Parameter
Conditions
Typ
Max(2)
Unit
VDD
25°C
55°C
85°C
105°C
30°C
55°C
85°C
105°C
IDD
(Stop 3)
Supply current in Stop 3
mode, RTC disabled, 8 KB
SRAM2 + ICACHE retained
1.8
4.65
16.0
51.0
110
17
48
160
330
µA
2.4
4.70
16.0
51.5
110
17
48
160
330
3
4.80
16.0
52.0
110
18
48
160
330
3.3
4.90
16.5
53.0
110
18
50
160
330
3.6
5.30
17.0
54.5
115
20
51
170
350
Supply current in Stop 3
mode, RTC disabled, all
SRAMs retained
1.8
7.00
23.0
76.5
165
26
69
230
500
2.4
7.05
23.0
77.0
170
26
69
240
510
3
7.15
23.5
77.5
170
26
71
240
510
3.3
7.30
23.5
79.0
170
27
71
240
510
3.6
7.75
24.5
80.0
170
28
74
240
510
IDD
(Stop 3
with
RTC)
Supply current in Stop 3
mode, RTC(1) clocked by LSI
32 kHz, 8 KB
SRAM2 + ICACHE retained
1.8
4.95
16.0
51.5
110
18
48
160
330
2.4
5.05
16.5
52.0
110
19
50
160
330
3
5.25
16.5
52.5
110
19
50
160
330
3.3
5.45
17.0
53.5
110
20
51
170
330
3.6
5.90
18.0
55.0
115
22
54
170
350
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 109/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com