công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32U375CEU6GXXX bảng dữ liệu(PDF) 105 Page - STMicroelectronics

tên linh kiện STM32U375CEU6GXXX
Giải thích chi tiết về linh kiện  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CEU6GXXX bảng dữ liệu(HTML) 105 Page - STMicroelectronics

Back Button STM32U375CEU6GXXX Datasheet HTML 101Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 102Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 103Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 104Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 105Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 106Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 107Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 108Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 222 page
background image
Symbol
Parameter
Conditions
Typ
Max(2)
Unit
VDD
25°C
55°C
85°C
105°C
30°C
55°C
85°C
105°C
IDD
(Stop 1
with
RTC)
Supply current in Stop 1
mode, RTC(1) clocked by LSE
bypassed at 32768 Hz, 8 KB
SRAM2 + ICACHE retained
1.8
82
220
615
1200
300
660
1900
3600
µA
2.4
69
175
480
910
250
530
1500
2800
3
61
150
400
760
220
450
1200
2300
3.3
59
140
375
710
220
420
1200
2200
3.6
57
135
355
670
210
410
1100
2100
Supply current in Stop 1
mode, RTC(1) clocked by LSE
quartz in low-drive mode,
RCC_BDCR.LSESYSEN=0,
8 KB SRAM2 + ICACHE
retained
1.8
81
215
605
1100
-
-
-
-
2.4
68
170
470
900
-
-
-
-
3
60
145
395
755
-
-
-
-
3.3
58
140
370
705
-
-
-
-
3.6
57
135
350
665
-
-
-
-
1. RTC with default configuration but RTC_CALR.LPCAL = 1
2. Evaluated by characterization. Not tested in production.
Table 48. Current consumption during wake-up from Stop 1 mode on SMPS
Symbol
Parameter
Conditions
Typ
Unit
VDD
25°C
QDD (wake-up from
Stop 1)
Electrical charge
consumed during
wake-up from Stop 1
mode
Wake-up clock is MSI
48 MHz
3
6
nAs
Wake-up clock is HSI
16 MHz
6
Wake-up clock is MSI 3 MHz
10
Table 49. Current consumption in Stop 2 mode on LDO
Symbol
Parameter
Conditions
Typ
Max(2)
Unit
VDD
25°C
55°C
85°C
105°C
30°C
55°C
85°C
105°C
IDD
(Stop 2)
Supply current in
Stop 2 mode, RTC
disabled, 8 KB
SRAM2 + ICACHE
retained
1.8
13
41.5
125
255
47
130
380
770
µA
2.4
13
42.5
130
255
47
130
390
770
3
13
42.5
130
260
47
130
390
780
3.3
13
43
130
260
47
130
390
780
3.6
13.5
44
130
260
49
140
390
780
Supply current in
Stop 2 mode, RTC
disabled, all SRAMs
retained
1.8
15.5
49.5
155
315
56
150
470
950
2.4
15.5
50
155
320
56
150
470
960
3
15.5
50.5
155
320
56
160
470
960
3.3
15.5
51.0
160
320
56
160
480
960
3.6
16
51.5
160
325
58
160
480
980
IDD
(Stop 2
with
RTC)
Supply current in
Stop 2 mode, RTC(1)
clocked by LSI
32 kHz, 8 KB
SRAM2 + ICACHE
retained
1.8
13
42
125
255
47
130
380
770
2.4
13
43
130
255
47
130
390
770
3
13.5
43
130
260
49
130
390
780
3.3
13.5
43.5
130
260
49
140
390
780
3.6
14
44.5
135
260
51
140
410
780
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 105/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com