công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32U375CEU6GXXX bảng dữ liệu(PDF) 14 Page - STMicroelectronics

tên linh kiện STM32U375CEU6GXXX
Giải thích chi tiết về linh kiện  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CEU6GXXX bảng dữ liệu(HTML) 14 Page - STMicroelectronics

Back Button STM32U375CEU6GXXX Datasheet HTML 10Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 11Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 12Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 13Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 14Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 15Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 16Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 17Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 222 page
background image
The boot address option bytes allow any boot memory address to be programmed. However, the allowed address
space depends on the flash memory RDP level.
If the programmed boot memory address is out of the allowed memory-mapped area when RDP level is 0.5 or
more, the default boot address is forced either in secure flash memory or nonsecure flash memory, depending on
the TrustZone® security option as described in the table below.
Table 6. Boot space versus RDP protection
RDP
TZEN = 1
TZEN = 0
0
Any boot address
Any boot address
0.5
Boot address only in RSS (0x0FF8 0000) or secure flash memory:
0x0C00 0000 - 0x0C0F FFFF
Otherwise, the forced boot address is 0x0FF8 0000.
N/A
1
Any boot address
2
Boot address only in flash memory
0x0800 0000 - 0x080F FFFF
Otherwise, forced boot address is 0x0800 0000.
3.7
Global TrustZone® controller (GTZC)
GTZC is used to configure TrustZone® and privileged attributes within the full system.
The GTZC includes three different subblocks:
•
TZSC: TrustZone® security controller
This sub-block defines the secure/privileged state of slave peripherals. The TZSC informs some
peripherals (such as RCC or GPIOs) about the secure status of each securable peripheral, by sharing with
RCC and I/O logic.
•
TZIC: TrustZone® illegal access controller
This subblock gathers all security illegal access events in the system and generates a secure interrupt
towards NVIC.
•
MPCBB: Memory protection controller - block-based
This sub-block configures the internal RAM in a TrustZone®-system product having segmented SRAM
(pages of 512 bytes) with programmable-security and privileged attributes.
The GTZC main features are:
•
Three independent 32-bit AHB interfaces for TZSC, TZIC, and MPCBB
•
TZIC accessible only with secure transactions
•
Secure and nonsecure access supported for privileged/unprivileged part of TZSC and MPCBB
•
Set of registers to define product security settings:
–
Secure/privileged blocks for internal SRAMs
–
Secure/privileged access mode for securable peripherals
–
Secure/privileged access mode for securable masters
3.7.1
TrustZone® security architecture
The security architecture is based on Arm® TrustZone® with the Armv8_M main extension.
When the TrustZone® is enabled, the SAU (security attribution unit) and IDAU (implementation defined attribution
unit) define the access permissions based on secure and nonsecure state.
•
SAU: up to eight SAU configurable regions are available for security attribution.
•
IDAU: It provides a first memory partition as nonsecure or nonsecure callable attributes. It is then combined
with the results from the SAU security attribution and the higher security state is selected.
Based on IDAU security attribution, the flash memory, system SRAMs and peripherals memory space are aliased
twice for secure and nonsecure states. However, the external memory space is not aliased.
Table 7 shows an example of typical SAU regions configuration based on IDAU regions. The user can split and
choose the secure, nonsecure, or NSC regions for external memories as needed.
STM32U375xx
Functional overview
DS14861 - Rev 2
page 14/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com