công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32U375CEU6GXXX bảng dữ liệu(PDF) 98 Page - STMicroelectronics

tên linh kiện STM32U375CEU6GXXX
Giải thích chi tiết về linh kiện  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CEU6GXXX bảng dữ liệu(HTML) 98 Page - STMicroelectronics

Back Button STM32U375CEU6GXXX Datasheet HTML 94Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 95Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 96Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 97Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 98Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 99Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 100Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 101Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 222 page
background image
Symbol
Parameter
Conditions
Typ
Unit
Typ
Unit
Voltage scaling
Code
1.8 V
3 V
3.3 V
1.8 V
3 V
3.3 V
IDD (Run)
Supply
current in
Run mode
fHCLK = fMSI = 96 MHz,
all peripherals disable,
flash memory bank 2 in
powered down, all
SRAMs enabled
Range 1
Reduced
code
4.75
4.75
4.75
mA
49.5
49.5
49.5
µA/
MHz
Coremark
4.55
4.55
4.60
47.4
47.4
47.9
SecureMark
4.95
4.95
4.95
51.6
51.6
51.6
Dhrystone
2.1
5.15
5.15
5.15
53.6
53.6
53.6
While(1)
3.4
3.4
3.4
35.4
35.4
35.4
Fibonacci
4
3.95
4
41.7
41.1
41.7
fHCLK = fMSI = 24 MHz,
ePOD booster disabled,
all peripherals disable,
flash memory bank 2 in
powered down, all
SRAMs enabled
Range 2
Reduced
code
1.15
1.15
1.2
mA
47.9
47.9
50
µA/
MHz
Coremark
1.15
1.15
1.15
47.9
47.9
47.9
SecureMark
1.2
1.2
1.2
50
50
50
Dhrystone
2.1
1.25
1.25
1.25
52.1
52.1
52.1
While(1)
0.85
0.84
0.85
35.2
35.0
35.2
Fibonacci
0.99
0.99
1
41.3
41.3
41.5
Table 35. Typical current consumption in Run modes on LDO, with different codes running from flash memory in low-
power mode, ICACHE1 way, prefetch ON
The current consumption from SRAM is similar.
Symbol
Parameter
Conditions
Typ
Unit
Typ
Unit
Voltage scaling
Code
1.8 V
3 V
3.3 V
1.8 V
3 V
3.3 V
IDD (Run)
Supply
current in
Run mode
fHCLK = fMSI = 24 MHz,
ePOD booster disabled,
all peripherals disable,
flash memory bank 2 in
powered down, SRAM2
enabled, SRAM1 in
power down
Range 2
Reduced
code
1.15
1.15
1.15
mA
47.9
47.9
47.9
µA/
MHz
Coremark
1.1
1.1
1.1
45.8
45.8
45.8
SecureMark
1.2
1.2
1.2
50
50
50
Dhrystone
2.1
1.25
1.25
1.25
52.1
52.1
52.1
While(1)
0.81
0.81
0.81
33.8
33.8
33.8
Fibonacci
0.96
0.96
0.96
40
40
40
Table 36. Typical current consumption in Run modes on SMPS, with different codes running from flash memory,
ICACHE ON (1-way), prefetch ON
The current consumption from SRAM is similar.
Symbol
Parameter
Conditions
Typ
Unit
Typ
Unit
Voltage scaling
Code
1.8 V
3 V
3.3 V
1.8 V
3 V
3.3 V
IDD (Run)
Supply
current in
Run mode
fHCLK = fMSI = 48 MHz,
all peripherals disable,
flash memory bank 2 in
powered down, all
SRAMs enabled
Range 2
Reduced
code
1.05
0.70
0.66
mA
21.9
14.6
13.6
µA/
MHz
Coremark
1
0.66
0.62
20.8
13.8
12.9
SecureMark
1.10
0.72
0.68
22.9
15
14.1
Dhrystone
2.1
1.15
0.75
0.71
24.0
15.6
14.7
While(1)
0.74
0.49
0.46
15.4
10.1
9.5
Fibonacci
0.88
0.57
0.54
18.2
11.9
11.1
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 98/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com