công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32U375CEU6GXXX bảng dữ liệu(PDF) 29 Page - STMicroelectronics

tên linh kiện STM32U375CEU6GXXX
Giải thích chi tiết về linh kiện  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CEU6GXXX bảng dữ liệu(HTML) 29 Page - STMicroelectronics

Back Button STM32U375CEU6GXXX Datasheet HTML 25Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 26Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 27Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 28Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 29Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 30Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 31Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 32Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 222 page
background image
3.15
General purpose direct memory access controller (GPDMA)
The general purpose direct memory access (GPDMA) controller is a bus master and system peripheral.
The GPDMA is used to perform programmable data transfers between memory-mapped peripherals and/or
memories via linked-lists, upon the control of an off-loaded CPU.
The GPDMA main features are:
•
Dual bidirectional AHB master
•
Memory-mapped data transfers from a source to a destination:
–
Peripheral-to-memory
–
Memory-to-peripheral
–
Memory-to-memory
–
Peripheral-to-peripheral
•
Autonomous data transfers during low-power modes
•
Transfers arbitration based on a four-grade programmed priority at a channel level:
–
One high-priority traffic class, for time-sensitive channels (queue 3)
–
Three low-priority traffic classes, with a weighted round-robin allocation for non time-sensitive
channels (queues 0, 1, 2)
•
Per channel event generation, on any of the following events: transfer complete, half transfer complete,
data transfer error, user setting error, link transfer error, completed suspension, and trigger overrun.
•
Per channel interrupt generation, with separately programmed interrupt enable per event
•
12 concurrent DMA channels:
–
Per channel FIFO for queuing source and destination transfers
–
Intra-channel GPDMA transfers chaining via programmable linked-list into memory, supporting two
execution modes: run-to-completion and link step mode.
–
Intra-channel and inter-channel GPDMA transfers chaining via programmable GPDMA input triggers
connection to GPDMA task completion events.
•
Per linked-list item within a channel:
–
Separately programmed source and destination transfers
–
Programmable data handling between source and destination: byte-based reordering, packing or
unpacking, padding or truncation, sign extension and left/right realignment
–
Programmable number of data bytes to be transferred from the source, defining the block level
–
Linear source and destination addressing: either fixed or contiguously incremented addressing,
programmed at a block level, between successive burst transfers
–
2D source and destination addressing: programmable signed address offsets between successive
burst transfers (non-contiguous addressing within a block, combined with programmable signed
address offsets between successive blocks, at a second 2D/repeated block level, for a reduced set of
channels.
–
Support for scatter-gather (multi-buffer transfers), data interleaving and deinterleaving via 2D
addressing
–
Programmable GPDMA request and trigger selection
–
Programmable GPDMA half-transfer and transfer complete events generation
–
Pointer to the next linked-list item and its data structure in memory, with automatic update of the
GPDMA linked-list control registers
•
Debug:
–
Channel suspend and resume support
–
Channel status reporting including FIFO level and event flags
•
TrustZone® support:
–
Support for secure and nonsecure GPDMA transfers, independently at a first channel level, and
independently at a source/destination and link sublevels
–
Secure and nonsecure interrupts reporting, resulting from any of the respectively secure and
nonsecure channels
–
TrustZone®-aware AHB slave port, protecting any GPDMA secure resource (register, register field)
from a nonsecure access
STM32U375xx
Functional overview
DS14861 - Rev 2
page 29/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com