công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32U375CEU6GXXX bảng dữ liệu(PDF) 15 Page - STMicroelectronics

tên linh kiện STM32U375CEU6GXXX
Giải thích chi tiết về linh kiện  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CEU6GXXX bảng dữ liệu(HTML) 15 Page - STMicroelectronics

Back Button STM32U375CEU6GXXX Datasheet HTML 11Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 12Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 13Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 14Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 15Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 16Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 17Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 18Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 222 page
background image
Table 7. Example of memory map security attribution versus SAU configuration regions
Region description Address range
IDAU security
attribution
SAU security attribution typical
configuration
Final security attribution
Code
external memories
0x0000 0000
0x07FF FFFF
Nonsecure
Secure or nonsecure or NSC (1)
Secure or nonsecure or
NSC
Code
flash and SRAM
0x0800 0000
0x0BFF FFFF
Nonsecure
0x0C00 0000
0x0FFF FFFF
NSC
Secure or NSC
Secure or NSC
Code
external memories
0x1000 0000
0x17FF FFFF
Nonsecure
0x1800 0000
0x1FFF FFFF
SRAM
0x2000 0000
0x2FFF FFFF
0x3000 0000
0x3FFF FFFF
NSC
Secure or NSC
Secure or NSC
Peripherals
0x4000 0000
0x4FFF FFFF
Nonsecure
0x5000 0000
0x5FFF FFFF
NSC
Secure or NSC
Secure or NSC
External memories
0x6000 0000
0xDFFF FFFF
Nonsecure
Secure or nonsecure or NSC
Secure or nonsecure or
NSC
1. NSC = nonsecure callable.
3.7.2
TrustZone®peripheral classification
When the TrustZone® security is active, a peripheral can be either securable or TrustZone®-aware type as
follows:
•
Securable: peripheral protected by an AHB/APB firewall gate that is controlled from TZSC to define
security properties
•
TrustZone®-aware: peripheral connected directly to AHB or APB bus and implementing a specific
TrustZone® behavior such as a subset of registers being secure
3.7.3
Default TrustZone® security state
The default system security state is detailed below:
•
CPU:
–
Cortex®-M33 is in a secure state after reset. The boot address must be in a secure address.
•
Memory map:
–
SAU is fully secure after reset. Consequently, all memory map is fully secure. Up to eight SAU
configurable regions are available for security attribution.
•
Flash memory:
–
Flash memory security area is defined by watermarking user options.
–
Flash memory block-based area is nonsecure after reset.
•
SRAMs:
–
All SRAMs are secure after reset. MPCBBx (memory protection block-based controllers) are secure.
STM32U375xx
Functional overview
DS14861 - Rev 2
page 15/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com