công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM6422BSDFHAALVR bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện AM6422BSDFHAALVR
Giải thích chi tiết về linh kiện  AM64x Sitara™ Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

AM6422BSDFHAALVR bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button AM6422BSDFHAALVR Datasheet HTML 3Page - Texas Instruments AM6422BSDFHAALVR Datasheet HTML 4Page - Texas Instruments AM6422BSDFHAALVR Datasheet HTML 5Page - Texas Instruments AM6422BSDFHAALVR Datasheet HTML 6Page - Texas Instruments AM6422BSDFHAALVR Datasheet HTML 7Page - Texas Instruments AM6422BSDFHAALVR Datasheet HTML 8Page - Texas Instruments AM6422BSDFHAALVR Datasheet HTML 9Page - Texas Instruments AM6422BSDFHAALVR Datasheet HTML 10Page - Texas Instruments AM6422BSDFHAALVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 265 page
background image
4 Device Comparison
Table 4-1 shows a comparison between devices, highlighting the differences.
Note
Availability of features listed in this table are a function of shared IO pins, where IO signals associated
with many of the features are multiplexed to a limited number of pins. The SysConfig tool should
be used to assign signal functions to pins. This will provide a better understanding of limitations
associated with pin multiplexing.
Note
To understand what device features are currently supported by TI Software Development Kits
(SDKs), search for the AM64x Software Build Sheet located in the Downloads tab option provided
at Processor-SDK-AM64x.
Table 4-1. Device Comparison
FEATURES
REFERENCE
NAME
AM6442
AM6441
AM6422
AM6421
AM6412
AM6411
CTRL_MMR_CFG0_JTAG_USER_ID[31:13](1)
Register bit values by device "Features" code (See Nomenclature Description table for more information on device features)
C:
–
–
–
–
0x19403
0x19203
D:
0x19464
0x19264
0x19424
0x19224
–
–
E:
0x19465
0x19265
–
0x19225
–
–
F:
0x19466
0x19266
–
0x19226
–
–
PROCESSORS AND ACCELERATORS
Speed Grades (See Table 6-1)
S
S, K
Arm Cortex-A53 Microprocessor Subsystem
Arm A53
Dual Core
Single Core
Dual Core
Single Core
Dual Core
Single Core
Arm Cortex-R5F
Arm R5F
2 × Dual Core
R5FSS0_CORE0
R5FSS0_CORE1
R5FSS1_CORE0
R5FSS1_CORE1
2 × Single Core
R5FSS0_CORE0
R5FSS1_CORE0
Single Core
R5FSS0_CORE0
Arm Cortex-M4F
Arm M4F
Single Core
Functional Safety Optional(4)
Single Core
Device Management Security Controller
DMSC-L
Yes
Crypto Accelerators
Security
Yes
PROGRAM AND DATA STORAGE
On-Chip Shared Memory (RAM) in MAIN Domain OCSRAM
2MB
R5F Tightly Coupled Memory (TCM)
TCM
4 x 64KB
2 x 128KB
1 x 128KB
On-Chip Shared Memory (RAM) in M4F Domain
MCU_MSRAM
256KB
DDR4/LPDDR4 DDR Subsystem
DDRSS
Up to 2GB (16-bit data) with inline ECC
General-Purpose Memory Controller
GPMC
Up to 128MB with ECC
PERIPHERALS
Modular Controller Area Network Interface
MCAN
2
Full CAN-FD Support(2)
MCAN
Optional
Optional
No
Optional
No
No
General-Purpose I/O
GPIO
Up to 198
Inter-Integrated Circuit Interface
I2C
6
Analog-to-Digital Converter
ADC
1
No
Multichannel Serial Peripheral Interface
MCSPI
7
Multi-Media Card/ Secure Digital Interface
MMCSD0
eMMC (8-bits)
MMCSD1
SD/SDIO (4-bits)
Fast Serial Interface
FSI_TX
2
FSI_RX
6
Flash Subsystem (FSS)(3)
OSPI0/QSPI0
Yes
www.ti.com
AM6442, AM6441, AM6422, AM6421, AM6412, AM6411
SPRSP56G – JANUARY 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com